Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA211IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211IDR
Description  Low Power, Precision Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211IDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA211IDR Datasheet HTML 1Page - Texas Instruments OPA211IDR Datasheet HTML 2Page - Texas Instruments OPA211IDR Datasheet HTML 3Page - Texas Instruments OPA211IDR Datasheet HTML 4Page - Texas Instruments OPA211IDR Datasheet HTML 5Page - Texas Instruments OPA211IDR Datasheet HTML 6Page - Texas Instruments OPA211IDR Datasheet HTML 7Page - Texas Instruments OPA211IDR Datasheet HTML 8Page - Texas Instruments OPA211IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
0.1
100
1
Frequency (Hz)
100k
10
1
10
100
1k
10k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA211, OPA2211
SBOS377H – OCTOBER 2006 – REVISED NOVEMBER 2015
OPA2x11 1.1-nv/
√Hz Noise, Low Power, Precision Operational Amplifier
1 Features
3 Description
The
OPA211
series
of
precision
operational
1
Low Voltage Noise: 1.1 nV/
√Hz at 1 kHz
amplifiers achieves very low 1.1-nV/
√Hz noise density
Input Voltage Noise: 80 nVPP (0.1 to 10 Hz)
with a supply current of only 3.6 mA. This series also
THD + N: –136 dB (G = 1, ƒ = 1 kHz)
offers rail-to-rail output swing, which maximizes
dynamic range.
Offset Voltage: 125
μV (Maximum)
Offset Voltage Drift: 0.35
μV/°C (Typical)
The extremely low voltage and low current noise,
high-speed, and wide output swing of the OPA211
Low Supply Current: 3.6 mA/Ch (Typical)
series make these devices an excellent choice as a
Unity-Gain Stable
loop filter amplifier in PLL applications.
Gain Bandwidth Product:
In
precision
data
acquisition
applications,
the
80 MHz (G = 100)
OPA211 series of operational amplifiers provides
45 MHz (G = 1)
700-ns settling time to 16-bit accuracy throughout 10-
V output swings. This ac performance, combined with
Slew Rate: 27 V/
μs
only 125
μV of offset and 0.35 μV/°C of drift over
16-Bit Settling: 700 ns
temperature, makes the OPA211 ideal for driving
Wide Supply Range: ±2.25 to ±18 V, 4.5 to 36 V
high-precision
16-bit
analog-to-digital
converters
(ADCs) or buffering the output of high-resolution
Rail-to-Rail Output
digital-to-analog converters (DACs).
Output Current: 30 mA
The OPA211 series is specified over a wide dual-
SON-8 (3 mm × 3 mm), VSSOP-8, and SOIC-8
power supply range of ±2.25 to ±18 V, or for single-
supply operation from 4.5 to 36 V.
2 Applications
The OPA211 is available in the small SON-8 (3 mm ×
PLL Loop Filters
3 mm), VSSOP-8, and SOIC-8 packages. A dual
Low-Noise, Low-Power Signal Processing
version, the OPA2211, is available in the SON-8 (3
16-Bit ADC Drivers
mm × 3 mm) or an SO-8 PowerPAD™ package. This
series of operational amplifiers is specified from TA =
DAC Output Amplifiers
–40°C to +125°C.
Active Filters
Low-Noise Instrumentation Amps
Device Information(1)
Ultrasound Amplifiers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Professional Audio Preamplifiers
SOIC (8)
4.90 mm × 3.90 mm
Low-Noise Frequency Synthesizers
OPA211
SON (8)
3.00 mm × 3.00 mm
Infrared Detector Amplifiers
VSSOP (8)
3.00 mm × 3.00 mm
SON (8)
3.00 mm × 3.00 mm
Hydrophone Amplifiers
OPA2211
SO PowerPAD (8)
4.90 mm × 3.90 mm
Geophone Amplifiers
(1) For all available packages, see the orderable addendum at
Medical
the end of the data sheet.
Input Voltage Noise Density vs Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA211IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211IDR TI1-OPA211IDR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211IDRGR TI1-OPA211IDRGR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211IDRGT TI1-OPA211IDRGT Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
More results

Similar Description - OPA211IDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
   Low-Power Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com