Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2350UAG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2350UAG4
Description  Rail-to-Rail Operational Amplifiers MicroAmplifier Series
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2350UAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2350UAG4 Datasheet HTML 7Page - Texas Instruments OPA2350UAG4 Datasheet HTML 8Page - Texas Instruments OPA2350UAG4 Datasheet HTML 9Page - Texas Instruments OPA2350UAG4 Datasheet HTML 10Page - Texas Instruments OPA2350UAG4 Datasheet HTML 11Page - Texas Instruments OPA2350UAG4 Datasheet HTML 12Page - Texas Instruments OPA2350UAG4 Datasheet HTML 13Page - Texas Instruments OPA2350UAG4 Datasheet HTML 14Page - Texas Instruments OPA2350UAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
100ns/div
200ns/div
10
1
0.1
Closed−Loop Gain (V/V)
−1
−10
−100
0.1%
0.01%
1M
100
1k
10k
100k
Load Capacitance (pF)
10
80
70
60
50
40
30
20
10
0
G = 1
G= −1
G = ±10
Offset Voltage Drift (µV/ °C)
20
18
16
14
12
10
8
6
4
2
0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
Typical production
distribution of
packaged units.
Offset Voltage (µV)
18
16
14
12
10
8
6
4
2
0
Typical distribution of
packaged units.
OPA350, OPA2350, OPA4350
www.ti.com
SBOS099D – SEPTEMBER 2000 – REVISED DECEMBER 2015
Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 5 V, and RL = 1 kΩ connected to VS/2, unless otherwise noted.
Figure 19. Offset Voltage Production Distribution
Figure 20. Offset Voltage Drift Production Distribution
Figure 21. Small-Signal Overshoot vs Load Capacitance
Figure 22. Settling Time vs Closed-Loop Gain
Figure 23. Small-Signal Step Response
Figure 24. Large-Signal Step Response
CL = 100 pF
CL = 100 pF
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA350 OPA2350 OPA4350


Similar Part No. - OPA2350UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2350UA BURR-BROWN-OPA2350UA Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2350UA BURR-BROWN-OPA2350UA Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350UA TI1-OPA2350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2350UA TI-OPA2350UA Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA2350UA/2K5 BURR-BROWN-OPA2350UA/2K5 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
More results

Similar Description - OPA2350UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
   Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com