Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA211ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211ID
Description  Low Power, Precision Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211ID Datasheet(HTML) 4 Page - Texas Instruments

  OPA211ID Datasheet HTML 1Page - Texas Instruments OPA211ID Datasheet HTML 2Page - Texas Instruments OPA211ID Datasheet HTML 3Page - Texas Instruments OPA211ID Datasheet HTML 4Page - Texas Instruments OPA211ID Datasheet HTML 5Page - Texas Instruments OPA211ID Datasheet HTML 6Page - Texas Instruments OPA211ID Datasheet HTML 7Page - Texas Instruments OPA211ID Datasheet HTML 8Page - Texas Instruments OPA211ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
1
2
3
4
8
7
6
5
Shutdown
V+
OUT
NC
NC
–IN
+IN
V–
Pad
1
2
3
4
8
7
6
5
Shutdown
V+
OUT
NC
NC
–IN
+IN
V–
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
NC
–IN
+IN
V–
OPA211, OPA2211
SBOS377H – OCTOBER 2006 – REVISED NOVEMBER 2015
www.ti.com
6 Pin Configurations
OPA211 D Package
OPA211 DGK Package
8-Pin SOIC
8-Pin VSSOP
Top View
Top View
OPA211 DRG Package
8-Pin SON
Top View
Pin Functions—OPA211
PIN
I/O
DESCRIPTION
NAME
SOIC
VSSOP
SON
+IN
3
3
3
I
Noninverting input
–IN
2
2
2
I
Inverting input
No internal connection. This pin can be left floating or connected to
NC
1, 5, 8
1, 5
1, 5
any voltage between (V–) and (V+).
OUT
6
6
6
O
Output
Shutdown, Active High
The Shutdown function is as follows:
Shutdown
8
8
I
Device enabled: (V–)
≤ VSHUTDOWN ≤ (V+) – 3 V
Device disabled: VSHUTDOWN ≥ (V+) – 0.35 V
V+
7
7
4
I
Positive power supply
V–
4
4
7
I
Negative power supply
Exposed thermal die pad on underside; connect thermal die pad to
Pad
9
I
V–. Soldering the thermal pad to the printed circuit board is required
and improves heat dissipation and provides specified performance.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: OPA211 OPA2211


Similar Part No. - OPA211ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211ID TI1-OPA211ID Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211IDGKR TI1-OPA211IDGKR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211IDGKT TI1-OPA211IDGKT Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211IDR TI1-OPA211IDR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211IDRGR TI1-OPA211IDRGR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
More results

Similar Description - OPA211ID

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
   Low-Power Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com