Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIS3624DQ Datasheet(PDF) 34 Page - STMicroelectronics

Part # AIS3624DQ
Description  ultra-low-power digital output 3-axis accelerometer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS3624DQ Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AIS3624DQ Datasheet HTML 30Page - STMicroelectronics AIS3624DQ Datasheet HTML 31Page - STMicroelectronics AIS3624DQ Datasheet HTML 32Page - STMicroelectronics AIS3624DQ Datasheet HTML 33Page - STMicroelectronics AIS3624DQ Datasheet HTML 34Page - STMicroelectronics AIS3624DQ Datasheet HTML 35Page - STMicroelectronics AIS3624DQ Datasheet HTML 36Page - STMicroelectronics AIS3624DQ Datasheet HTML 37Page - STMicroelectronics AIS3624DQ Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Register description
AIS3624DQ
34/41
DocID027117 Rev 2
7.18
INT2_SRC (35h)
Interrupt 2 source register. Read-only register.
Reading at this address clears the INT2_SRC IA bit (and the interrupt signal on the INT 2
pin) and allows the refresh of data in the INT2_SRC register if the latched option was
chosen.
7.19
INT2_THS (36h)
Table 48. Interrupt mode configuration
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6-direction movement recognition
1
0
AND combination of interrupt events
1
1
6-direction position recognition
Table 49. INT2_SRC register
0
IA
ZH
ZL
YHYL
XHXL
Table 50. INT2_SRC description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH
Y high. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL
Y low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH
X high. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL
X Low. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 51. INT2_THS register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 52. INT2_THS description
THS6 - THS0
Interrupt 1 threshold. Default value: 000 0000


Similar Part No. - AIS3624DQ

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AIS30F10AN024-2M ALTECH-AIS30F10AN024-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AN024-Q65 ALTECH-AIS30F10AN024-Q65 Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AP024-2M ALTECH-AIS30F10AP024-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AP024-Q65 ALTECH-AIS30F10AP024-Q65 Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AW220-2M ALTECH-AIS30F10AW220-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
More results

Similar Description - AIS3624DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
   MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
June 2021 Rev 1
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E05 VTI-SCA3000-E05 Datasheet
193Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E04 VTI-SCA3000-E04 Datasheet
226Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E02 VTI-SCA3000-E02 Datasheet
207Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
   3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
logo
STMicroelectronics
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
   High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 3
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com