Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIS3624DQ Datasheet(PDF) 18 Page - STMicroelectronics

Part # AIS3624DQ
Description  ultra-low-power digital output 3-axis accelerometer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS3624DQ Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AIS3624DQ Datasheet HTML 14Page - STMicroelectronics AIS3624DQ Datasheet HTML 15Page - STMicroelectronics AIS3624DQ Datasheet HTML 16Page - STMicroelectronics AIS3624DQ Datasheet HTML 17Page - STMicroelectronics AIS3624DQ Datasheet HTML 18Page - STMicroelectronics AIS3624DQ Datasheet HTML 19Page - STMicroelectronics AIS3624DQ Datasheet HTML 20Page - STMicroelectronics AIS3624DQ Datasheet HTML 21Page - STMicroelectronics AIS3624DQ Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Digital interfaces
AIS3624DQ
18/41
DocID027117 Rev 2
5
Digital interfaces
The registers embedded inside the AIS3624DQ may be accessed through both the I2C and
SPI serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire
interface mode.
The serial interfaces are mapped onto the same pads. To select/exploit the I2C interface, the
CS line must be tied high (i.e. connected to Vdd_IO).
5.1
I2C serial interface
The AIS3624DQ I2C is a bus slave. The I2C is employed to write data into registers whose
content can also be read back.
The relevant I2C terminology is given in the table below.
There are two signals associated with the I2C bus: the serial clock line (SCL) and the Serial
DAta line (SDA). The latter is a bidirectional line used for sending and receiving the data
to/from the interface. Both the lines are connected to Vdd_IO through a pull-up resistor
embedded inside the AIS3624DQ. When the bus is free, both the lines are high.
The I2C interface is compliant with fast mode (400 kHz) I2C standards as well as with the
normal mode.
Table 8. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
SA0
SDO
I2C less significant bit of the device address (SA0)
SPI serial data output (SDO)
Table 9. I2C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master


Similar Part No. - AIS3624DQ

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AIS30F10AN024-2M ALTECH-AIS30F10AN024-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AN024-Q65 ALTECH-AIS30F10AN024-Q65 Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AP024-2M ALTECH-AIS30F10AP024-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AP024-Q65 ALTECH-AIS30F10AP024-Q65 Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
AIS30F10AW220-2M ALTECH-AIS30F10AW220-2M Datasheet
115Kb / 2P
   AIS08F1.5AP024-2M
More results

Similar Description - AIS3624DQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DU12 STMICROELECTRONICS-LIS2DU12 Datasheet
1Mb / 13P
   MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
June 2021 Rev 1
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E05 VTI-SCA3000-E05 Datasheet
193Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E04 VTI-SCA3000-E04 Datasheet
226Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E02 VTI-SCA3000-E02 Datasheet
207Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
CMA3000-A01 VTI-CMA3000-A01 Datasheet
328Kb / 4P
   3-AXIS LOW POWER ANALOG OUTPUT ACCELEROMETER
logo
STMicroelectronics
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
   High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 3
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com