Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA211AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211AID
Description  Low Power, Precision Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA211AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA211AID Datasheet HTML 4Page - Texas Instruments OPA211AID Datasheet HTML 5Page - Texas Instruments OPA211AID Datasheet HTML 6Page - Texas Instruments OPA211AID Datasheet HTML 7Page - Texas Instruments OPA211AID Datasheet HTML 8Page - Texas Instruments OPA211AID Datasheet HTML 9Page - Texas Instruments OPA211AID Datasheet HTML 10Page - Texas Instruments OPA211AID Datasheet HTML 11Page - Texas Instruments OPA211AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
OPA211, OPA2211
SBOS377H – OCTOBER 2006 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics: VS = ±2.25 to ±18 V for Standard Grade OPA211AI,
OPA2211AI (continued)
at TA = 25°C, RL = 10 kΩ connected to midsupply, VCM = VOUT = Midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overload recovery time
G = –10
500
ns
0.000015
Total harmonic distortion +
G = +1, ƒ = 1 kHz,
%
THD+N
noise
VO = 3VRMS, RL = 600 Ω
–136
dB
OUTPUT
RL = 10 kΩ, AOL ≥ 114 dB, TA = –40°C to
(V+) –
(V–) + 0.2
V
+125°C
0.2
(V+) –
VOUT
Voltage output
RL = 600 Ω, AOL ≥ 110 dB
(V–) + 0.6
V
0.6
IO < 15 mA, AOL ≥ 110 dB, TA = –40°C to
(V+) –
(V–) + 0.6
V
+125°C
0.6
ISC
Short-circuit current
+30/–45
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
Open-loop output
ZO
ƒ = 1 MHz
5
impedance
SHUTDOWN
VShutdown
Device disabled (shutdown)
(V+) – 0.35
V
Shutdown pin input
voltage(1)
Device enabled
(V+) – 3
V
Shutdown pin leakage
1
μA
current
Turnon time(2)
2
μs
Turnoff time(2)
3
μs
Shutdown current
Shutdown (disabled)
1
20
μA
POWER SUPPLY
VS
Specified voltage
±2.25
±18
V
IOUT = 0 A
3.6
4.5
mA
Quiescent current (per
IQ
channel)
IOUT = 0 A, TA = –40°C to +125°C
6
mA
TEMPERATURE RANGE
TA
Specified range
–40
125
°C
TA
Operating range
–55
150
°C
(1)
When disabled, the output assumes a high-impedance state.
(2)
See Typical Characteristics curves, Figure 39 through Figure 41.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: OPA211 OPA2211


Similar Part No. - OPA211AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211AID TI-OPA211AID Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211AID TI1-OPA211AID Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AIDG4 TI1-OPA211AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AIDGKR TI-OPA211AIDGKR Datasheet
329Kb / 9P
[Old version datasheet]   1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211AIDGKR TI1-OPA211AIDGKR Datasheet
1Mb / 37P
[Old version datasheet]   1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
More results

Similar Description - OPA211AID

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
   Low-Power Precision OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   Noise, Low-Power, Precision Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Advanced Linear Devices
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
   PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com