Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59022-1-S-02-A Datasheet(PDF) 1 Page - Littelfuse

Part # 59022-1-S-02-A
Description  59022 Firecracker Reed Sensor 57022 Actuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

59022-1-S-02-A Datasheet(HTML) 1 Page - Littelfuse

  59022-1-S-02-A Datasheet HTML 1Page - Littelfuse 59022-1-S-02-A Datasheet HTML 2Page - Littelfuse 59022-1-S-02-A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 10/29/15
Specifications are subject to change without notice.
59022 Firecracker Reed Sensor + 57022 Actuator
Description
The 59022 Firecracker Reed Sensor is a small cylindrical reed sensor, 25.4mm (L)
x 5.80mm (Dia.) (1.00” x 0.228”), with a choice of normally open, normally closed
or change-over contacts. It is capable of switching up to 200Vdc at 10W.
The 59022 Firecracker Reed Sensor is available with a range of sensitivity and
cable length options. It functions best with the 57022 actuator.
Agency Approvals
Agency
Agency File Number
E61760
Reed Sensors
Features
• Magnetically-operated proximity
sensor
• Hermetically sealed contacts
• Operates through non-ferrous
materials such as wood, plastic
or aluminum
• Options of normally open, normally
closed or single-pole-double-throw
• Customer-defined sensitivity option
• Custom cable length and connector
options available
Benefits
• Fits nicely into small confined
spaces
• Quick and easy to install
• Well suited for usage in high-
moisture and contaminated
environments
• Non-contact solution, aesthetically
more appealing than push-button or
lever mechanical-type switches
• Ideal for battery-powered
applications as the contacts do not
draw power when in the non-
activated state
• Reed contacts last for millions of
operating cycles under micro-
controller logic level loads
Applications
• Position and limit sensing
• Security
• Level sensing
• Linear actuators
Dimensions
Dimensions in mm (inch)
Firecracker > 59022
A
Nom.
B
Nom.
C
Nom.
57022 Actuator
5.80 (.228) 25.40 (1.000)
--
59022 Sensor
5.80 (.228) 25.40 (1.000)
300 (11.81)
Note: The 57022 Actuator is sold separately.
Note: Contact Littelfuse for specific agency approval ratings.
A
A
B
C


Similar Part No. - 59022-1-S-02-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59020 LITTELFUSE-59020 Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-A LITTELFUSE-59020-1-S-02-A Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-E LITTELFUSE-59020-1-S-02-E Datasheet
422Kb / 3P
   Reed Sensors
59020-1-S-02-F LITTELFUSE-59020-1-S-02-F Datasheet
422Kb / 3P
   Reed Sensors
logo
HAMLIN Position and Mov...
59020-I-S-01-A HAMLIN-59020-I-S-01-A Datasheet
67Kb / 1P
   Mini Firecracker Features and Benefits
More results

Similar Description - 59022-1-S-02-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59030 LITTELFUSE-59030 Datasheet
495Kb / 3P
   59030 Miniature Firecracker Reed Sensor 57030 Actuator
59040 LITTELFUSE-59040 Datasheet
513Kb / 3P
   Press-Fit Firecracker Reed Sensor
logo
HAMLIN Position and Mov...
59010-I-S-01-A HAMLIN-59010-I-S-01-A Datasheet
42Kb / 1P
   Sub-Miniature Firecracker
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
MK0211B904000W MEDER-MK0211B904000W Datasheet
194Kb / 2P
   Reed sensor
MK0211C90500W MEDER-MK0211C90500W Datasheet
187Kb / 2P
   Reed sensor
MK0221B901000W MEDER-MK0221B901000W Datasheet
190Kb / 2P
   Reed sensor
9231350044 MEDER-9231350044 Datasheet
108Kb / 2P
   Reed sensor
9203110014 MEDER-9203110014 Datasheet
212Kb / 2P
   Reed sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com