Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2171AIDCUR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2171AIDCUR
Description  Single-Supply, SOT553, General-Purpose Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2171AIDCUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2171AIDCUR Datasheet HTML 3Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 4Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 5Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 6Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 7Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 8Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 9Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 10Page - Texas Instruments OPA2171AIDCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
OPA171, OPA2171, OPA4171
www.ti.com
SBOS516E – SEPTEMBER 2010 – REVISED JUNE 2015
6.7 Electrical Characteristics
at TA = 25°C, VS = 2.7 to 36 V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage
VOS
0.25
±1.8
mV
Over temperature
TA = –40°C to 125°C
0.3
±2
mV
Drift
dVOS/dT
TA = –40°C to 125°C
0.3
±2
µV/°C
vs power supply
PSRR
VS = 4 to 36 V, TA = –40°C to 125°C
1
±3
µV/V
Channel separation, dc
DC
5
µV/V
INPUT BIAS CURRENT
Input bias current
IB
±8
±15
pA
Over temperature
TA = –40°C to 125°C
±3.5
nA
Input offset current
IOS
±4
pA
Over temperature
TA = –40°C to 125°C
±3.5
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
3
µVPP
f = 100 Hz
25
nV/
√Hz
Input voltage noise density
en
f = 1 kHz
14
nV/
√Hz
INPUT VOLTAGE
Common-mode voltage
VCM
(V–) – 0.1 V
(V+) – 2 V
V
range(1)
VS = ±2 V, (V–) – 0.1 V < VCM < (V+) – 2 V,
90
104
dB
TA = –40°C to 125°C
Common-mode rejection
CMRR
ratio
VS = ±18V, (V–) – 0.1V < VCM < (V+) – 2 V,
104
120
dB
TA = –40°C to 125°C
INPUT IMPEDANCE
M
Ω ||
Differential
100 || 3
pF
1012
Ω ||
Common-mode
6 || 3
pF
OPEN-LOOP GAIN
VS = 4 V to 36 V, (V–) + 0.35 V < VO < (V+) –
Open-loop voltage gain
AOL
110
130
dB
0.35 V, TA = –40°C to 125°C
FREQUENCY RESPONSE
Gain bandwidth product
GBP
3.0
MHz
Slew rate
SR
G = +1
1.5
V/µs
To 0.1%, VS = ±18 V, G = +1, 10-V step
6
µs
Settling time
tS
To 0.01% (12 bit), VS = ±18V, G = +1, 10V
10
µs
step
Overload recovery time
VIN × Gain > VS
2
µs
Total harmonic distortion +
THD+N
G = +1, f = 1kHz, VO = 3VRMS
0.0002%
noise
OUTPUT
Voltage output swing from
VO
VS = 5V, RL = 10kΩ
30
mV
rail
RL = 10 kΩ, AOL ≥ 110 dB, TA = –40°C to
Over temperature
(V–) + 0.35
(V+) – 0.35
V
125°C
Short-circuit current
ISC
+25/–35
mA
Capacitive load drive
CLOAD
See Typical Characteristics
pF
Open-loop output resistance
RO
f = 1MHz, IO = 0A
150
Ω
(1)
The input range can be extended beyond (V+) – 2V up to V+. See Typical Characteristics and Application and Implementation for
additional information.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA171 OPA2171 OPA4171


Similar Part No. - OPA2171AIDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171AIDCUR TI1-OPA2171AIDCUR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA2171AIDCUR TI1-OPA2171AIDCUR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171AIDCUR TI1-OPA2171AIDCUR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2171AIDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com