Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2140AID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140AID
Description  11-MHz JFET Op Amp
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2140AID Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2140AID Datasheet HTML 3Page - Texas Instruments OPA2140AID Datasheet HTML 4Page - Texas Instruments OPA2140AID Datasheet HTML 5Page - Texas Instruments OPA2140AID Datasheet HTML 6Page - Texas Instruments OPA2140AID Datasheet HTML 7Page - Texas Instruments OPA2140AID Datasheet HTML 8Page - Texas Instruments OPA2140AID Datasheet HTML 9Page - Texas Instruments OPA2140AID Datasheet HTML 10Page - Texas Instruments OPA2140AID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
OPA140, OPA2140, OPA4140
www.ti.com
SBOS498B – JULY 2010 – REVISED NOVEMBER 2015
6.7 Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V to ±18 V
at TA = 25°C, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
30
120
µV
VOS
Input offset voltage
VS = ±18 V, TA = –40°C to 125°C
220
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C
±4
µV/V
dVOS/dT
Input offset voltage drift
VS = ±18 V, TA = –40°C to 125°C
±0.35
1
µV/°C
Power-supply rejection
PSRR
VS = ±2.25 V to ±18 V, TA = –40°C to 125°C
±0.1
±0.5
µV/V
ratio
INPUT BIAS CURRENT
±0.5
±10
pA
IB
Input bias current
TA = –40°C to 125°C
±3
nA
±0.5
±10
pA
IOS
Input offset current
TA = –40°C to 125°C
±1
nA
NOISE
f = 0.1 Hz to 10 Hz
250
µVPP
En
Input voltage noise
f = 0.1 Hz to 10 Hz
42
µVRMS
f = 10 Hz
8
Input voltage noise
en
f = 100 Hz
nV/
√Hz
5.8
density
f = 1 kHz
5.1
Input current noise
in
f = 1 kHz
0.8
fA/
√Hz
density
INPUT VOLTAGE
VCM
Common-mode voltage
TA = –40°C to 125°C
(V–) – 0.1
(V+) – 3.5
V
126
140
Common-mode
VS = ±18 V, VCM = (V–) – 0.1 V
CMRR
dB
rejection ratio
to (V+) – 3.5 V
TA = –40°C to 125°C
120
INPUT IMPEDANCE
ZID
Differential
Ω || pF
1013 || 10
ZIC
Common-mode
VCM = (V–) – 0.1 V to (V+) – 3.5 V
Ω || pF
1013 || 7
OPEN-LOOP GAIN
VO = (V–) + 0.35 V to (V+) – 0.35 V,
120
126
RL = 10 kΩ
AOL
Open-loop voltage gain
dB
114
126
VO = (V–) + 0.35 V to (V+) – 0.35 V,
RL = 2 kΩ
TA = –40°C to 125°C
108
FREQUENCY RESPONSE
BW
Gain bandwidth product
11
MHz
SR
Slew rate
20
V/µs
12-bit
880
ns
ts
Settling time
16-bit
1.6
µs
tOR
Overload recovery time
600
ns
Total harmonic
THD+N
1 kHz, G = 1, VO = 3.5 VRMS
0.00005%
distortion + noise
OUTPUT
RLOAD = 10 kΩ, AOL ≥ 108 dB
(V–) + 0.2
(V+) – 0.2
VO
Voltage output
V
(V–) +
(V+) –
RLOAD = 2 kΩ, AOL ≥ 108 dB
0.35
0.35
Source
36
ISC
Short-circuit current
mA
Sink
–30
CLOAD
Capacitive load drive
See Figure 19 and Figure 20
Open-loop output
ZO
f = 1 MHz, IO = 0 A (See Figure 18)
16
Ω
impedance
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA140 OPA2140 OPA4140


Similar Part No. - OPA2140AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2140AID TI-OPA2140AID Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA2140AID TI-OPA2140AID Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA2140AID TI-OPA2140AID Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA2140AIDGKR TI-OPA2140AIDGKR Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA2140AIDGKR TI-OPA2140AIDGKR Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results

Similar Description - OPA2140AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4H014-SEP TI-OPA4H014-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA4H014-SEP 11-MHz, Precision, Low-Noise, RRO, JFET Op Amp in Space‑Enhanced Plastic
REVISED APRIL 2022
logo
Linear Technology
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
   Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com