Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA140AIDGKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140AIDGKR
Description  11-MHz JFET Op Amp
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA140AIDGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA140AIDGKR Datasheet HTML 6Page - Texas Instruments OPA140AIDGKR Datasheet HTML 7Page - Texas Instruments OPA140AIDGKR Datasheet HTML 8Page - Texas Instruments OPA140AIDGKR Datasheet HTML 9Page - Texas Instruments OPA140AIDGKR Datasheet HTML 10Page - Texas Instruments OPA140AIDGKR Datasheet HTML 11Page - Texas Instruments OPA140AIDGKR Datasheet HTML 12Page - Texas Instruments OPA140AIDGKR Datasheet HTML 13Page - Texas Instruments OPA140AIDGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
0.001
0.0001
0.00001
-100
-
-
120
140
10
100
1k
10k 20k
Frequency (Hz)
G = +1
G = -1
V
= 3V
BW = 80kHz
OUT
RMS
R = 2k
L
W
0.01
0.001
0.0001
0.00001
0.1
1
10
100
Frequency (Hz)
-
-
-
80
100
120
140
-
BW = 80kHz
R = 2k
1kHz Signal
L
W
G = 1
-
G = +1
NOTE: Increase at low signal levels is a
of increased % contribution of noise.
result
0.1
Frequency(Hz)
100k
10
1
100
1k
10k
100
10
1
Time (1s/div)
180
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
CMRR
+PSRR
-PSRR
0.12
0.10
0.08
0.06
0.04
0.02
0
-50
-25
-75
0
25
50
75
100
125
150
Temperature( C)
°
OPA140, OPA2140, OPA4140
SBOS498B – JULY 2010 – REVISED NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, RL = 2 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 7. CMRR and PSRR vs Frequency
Figure 8. Common-Mode Rejection Ratio vs Temperature
(Referred to Input)
Figure 10. Input Voltage Noise Density vs Frequency
Figure 9. 0.1-Hz to 10-Hz Noise
Figure 11. THD+N Ratio vs Frequency
Figure 12. THD+N Ratio vs Output Amplitude
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140


Similar Part No. - OPA140AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140AIDGKR TI-OPA140AIDGKR Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA140AIDGKR TI-OPA140AIDGKR Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
More results

Similar Description - OPA140AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA4H014-SEP TI-OPA4H014-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA4H014-SEP 11-MHz, Precision, Low-Noise, RRO, JFET Op Amp in Space‑Enhanced Plastic
REVISED APRIL 2022
logo
Linear Technology
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
ADA4062-2 AD-ADA4062-2 Datasheet
489Kb / 20P
   Tiny, Low Power JFET-Input Op Amp
REV. 0
logo
Linear Technology
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Linear Technology
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com