Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV792MM Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV792MM
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV792MM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV792MM Datasheet HTML 4Page - Texas Instruments LMV792MM Datasheet HTML 5Page - Texas Instruments LMV792MM Datasheet HTML 6Page - Texas Instruments LMV792MM Datasheet HTML 7Page - Texas Instruments LMV792MM Datasheet HTML 8Page - Texas Instruments LMV792MM Datasheet HTML 9Page - Texas Instruments LMV792MM Datasheet HTML 10Page - Texas Instruments LMV792MM Datasheet HTML 11Page - Texas Instruments LMV792MM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
-40°C
-0.3
0.4
1.1
1.8
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
VCM (V)
V
+
= 2.5V
125°C
25°C
-0.3
0.6
1.5
2.4
3.3
4.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
VCM (V)
-40°C
25°C
125°C
V
+
= 5V
1.5
2.5
3.5
4.5
5.5
0
1
1.2
1.4
1.6
1.8
V
+
(V)
0.8
0.6
0.4
0.2
125°C
25°C
-40°C
6.0
-0.3
0
0.3
0.6
0.9
1.2
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
VCM (V)
125°C
25°C
-40°C
V
+
= 1.8V
1.5
2.5
3.5
4.5
5.5
6
0
0.4
0.8
1.2
1.6
2
V
+
(V)
25°C
-40°C
125°C
1.5
2.5
3.5
4.5
5.5 6.0
V
+
(V)
0
0.4
0.8
1.2
1.6
2
25°C
-40°C
125°C
LMV791, LMV792
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
www.ti.com
6.7 Typical Characteristics
Unless otherwise specified, TA = 25°C, V
= 0, V+ = Supply Voltage = 5V, V
CM = V
+/2, V
EN = V
+.
Figure 1. Supply Current vs Supply Voltage (LMV791)
Figure 2. Supply Current vs Supply Voltage (LMV792)
Figure 3. Supply Current vs
Figure 4. VOS vs VCM
Supply Voltage in Shutdown Mode
Figure 5. VOS vs VCM
Figure 6. VOS vs VCM
8
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMV791 LMV792


Similar Part No. - LMV792MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV792MM NSC-LMV792MM Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV792MMX NSC-LMV792MMX Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results

Similar Description - LMV792MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com