Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV791MKX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV791MKX
Description  17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV791MKX Datasheet(HTML) 3 Page - Texas Instruments

  LMV791MKX Datasheet HTML 1Page - Texas Instruments LMV791MKX Datasheet HTML 2Page - Texas Instruments LMV791MKX Datasheet HTML 3Page - Texas Instruments LMV791MKX Datasheet HTML 4Page - Texas Instruments LMV791MKX Datasheet HTML 5Page - Texas Instruments LMV791MKX Datasheet HTML 6Page - Texas Instruments LMV791MKX Datasheet HTML 7Page - Texas Instruments LMV791MKX Datasheet HTML 8Page - Texas Instruments LMV791MKX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OUT A
IN A-
IN A+
V
-
EN A
1
2
3
4
5
EN B
IN B+
IN B-
OUT B
V
+
6
7
8
9
10
+
+
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
6
EN
LMV791, LMV792
www.ti.com
SNOSAG6G – SEPTEMBER 2005 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
LMV791 DDC Package
6-Pin SOT
Top View
Pin Functions—LMV791
PIN
I/O
DESCRIPTION
NAME
NO.
EN
5
I
Enable
+IN
3
I
Noninverting Input
–IN
4
I
Inverting Input
Out
1
O
Output
V+
6
P
Positive (highest) Supply Voltage
V–
2
P
Negative (lowest) Supply Voltage
LMV792 DGS Package
10-Pin VSSOP
Top View
Pin Functions—LMV792
PIN
I/O
DESCRIPTION
NAME
NO.
EN A
5
I
Enable A
EN B
6
I
Enable B
IN A+
3, 7
I
Inverting Input
IN A–
2, 8
I
Noninverting Input
Out
1
O
Output B
Out B
9
O
Output B
V+
10
P
Positive (highest) Supply Voltage
V–
4
P
Negative (lowest) Supply Voltage
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV791 LMV792


Similar Part No. - LMV791MKX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV791MKX NSC-LMV791MKX Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV791MKX NSC-LMV791MKX Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results

Similar Description - LMV791MKX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
Texas Instruments
LMP7716 TI-LMP7716_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com