Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6482IMM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482IMM
Description  CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482IMM Datasheet(HTML) 5 Page - Texas Instruments

  LMC6482IMM Datasheet HTML 1Page - Texas Instruments LMC6482IMM Datasheet HTML 2Page - Texas Instruments LMC6482IMM Datasheet HTML 3Page - Texas Instruments LMC6482IMM Datasheet HTML 4Page - Texas Instruments LMC6482IMM Datasheet HTML 5Page - Texas Instruments LMC6482IMM Datasheet HTML 6Page - Texas Instruments LMC6482IMM Datasheet HTML 7Page - Texas Instruments LMC6482IMM Datasheet HTML 8Page - Texas Instruments LMC6482IMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LMC6482
www.ti.com
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
Electrical Characteristics for V
+ = 5 V (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = VO = V
+/2 and R
L > 1 M.
At Temperature
TJ = 25°C
Extremes(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX(3)
MIN
TYP(2)
MAX(3)
LMC6482AI
70
82
67
0 V
≤ VCM ≤ 15 V
LMC6482I
65
82
62
V+ = 15 V
Common-
LMC6482M
65
82
60
Mode
CMRR
dB
Rejection
LMC6482AI
70
82
67
Ratio
0 V
≤ VCM ≤ 5 V
LMC6482I
65
82
62
V+ = 5 V
LMC6482M
65
82
60
Positive
LMC6482AI
70
82
67
5 V
≤ V+ ≤ 15 V,
Power Supply
LMC6482I
65
82
62
+PSRR
V= 0 V
dB
Rejection
VO = 2.5 V
LMC6482M
65
82
60
Ratio
Negative
LMC6482AI
70
82
67
−5 V ≤ V≤ −15 V,
Power Supply
LMC6482I
65
82
62
−PSRR
V+ = 0 V
dB
Rejection
VO = −2.5 V
LMC6482M
65
82
60
Ratio
LMC6482AI
V
− 0.3
−0.25
0
LMC6482I
V
− 0.3
−0.25
0
V
LMC6482M
V
− 0.3
−0.25
0
Input
LMC6482AI
V+ +
V+ + 0.3
V+
Common-
V+ = 5 V and 15 V
VCM
0.25
Mode Voltage
For CMRR
≥ 50 dB
Range
LMC6482I
V+ +
V+ + 0.3
V+
V
0.25
LMC6482M
V+ +
V+ + 0.3
V+
0.25
LMC6482AI
140
666
84
Sourcing
LMC6482I
120
666
72
V/mV
LMC6482M
120
666
60
RL = 2 kΩ
(5) (4)
LMC6482AI
35
75
20
Sinking
LMC6482I
35
75
20
V/mV
LMC6482M
35
75
18
Large Signal
AV
Voltage Gain
LMC6482AI
80
300
48
Sourcing
LMC6482I
50
300
30
V/mV
LMC6482M
50
300
25
RL = 600 Ω
(5) (4)
LMC6482AI
20
35
13
Sinking
LMC6482I
15
35
10
V/mV
LMC6482M
15
35
8
(5)
V+ = 15 V, VCM = 7.5 V and RL connected to 7.5 V. For Sourcing tests, 7.5 V ≤ VO ≤ 11.5 V. For Sinking tests, 3.5 V ≤ VO ≤ 7.5 V.
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6482


Similar Part No. - LMC6482IMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6482IMM NSC-LMC6482IMM Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482IMM TI-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482IMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_16 Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com