Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6482AIMX Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482AIMX
Description  CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6482AIMX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMC6482AIMX Datasheet HTML 2Page - Texas Instruments LMC6482AIMX Datasheet HTML 3Page - Texas Instruments LMC6482AIMX Datasheet HTML 4Page - Texas Instruments LMC6482AIMX Datasheet HTML 5Page - Texas Instruments LMC6482AIMX Datasheet HTML 6Page - Texas Instruments LMC6482AIMX Datasheet HTML 7Page - Texas Instruments LMC6482AIMX Datasheet HTML 8Page - Texas Instruments LMC6482AIMX Datasheet HTML 9Page - Texas Instruments LMC6482AIMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LMC6482
SNOS674E – NOVEMBER 1997 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics for V
+ = 5 V (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5 V, V= 0 V, V
CM = VO = V
+/2 and R
L > 1 M.
At Temperature
TJ = 25°C
Extremes(1)
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX(3)
MIN
TYP(2)
MAX(3)
VO
Output Swing
V+ = 5 V
LMC6482AI
4.8
4.9
4.7
RL = 2 kΩ to V
+/2
LMC6482I
4.8
4.9
4.7
V
LMC6482M
4.8
4.9
4.7
LMC6482AI
0.1
0.18
0.24
LMC6482I
0.1
0.18
0.24
V
LMC6482M
0.1
0.18
0.24
LMC6482AI
4.5
4.7
4.24
LMC6482I
4.5
4.7
4.24
LMC6482M
4.5
4.7
4.24
V+ = 5 V
V
RL = 600 Ω to V
+/2
LMC6482AI
0.3
0.5
0.65
LMC6482I
0.3
0.5
0.65
LMC6482M
0.3
0.5
0.65
LMC6482AI
14.4
14.7
14.2
LMC6482I
14.4
14.7
14.2
LMC6482M
14.4
14.7
14.2
V+ = 15 V
V
RL = 2k Ω to V
+/2
LMC6482AI
0.16
0.32
0.45
LMC6482I
0.16
0.32
0.45
LMC6482M
0.16
0.32
0.45
LMC6482AI
13.4
14.1
13
LMC6482I
13.4
14.1
13
V
LMC6482M
13.4
14.1
13
V+ = 15 V
RL = 600 Ω to V
+/2
LMC6482AI
0.5
1
1.3
LMC6482I
0.5
1
1.3
V
LMC6482M
0.5
1
1.3
LMC6482AI
16
20
12
Sourcing, VO = 0 V
LMC6482I
16
20
12
mA
Output Short
LMC6482M
16
20
10
ISC
Circuit Current
LMC6482AI
11
15
9.5
V+ = 5 V
Sinking, VO = 5 V
LMC6482I
11
15
9.5
mA
LMC6482M
11
15
8
LMC6482AI
28
30
22
Sourcing, VO = 0 V
LMC6482I
28
30
22
mA
Output Short
LMC6482M
28
30
20
ISC
Circuit Current
LMC6482AI
30
30
24
V+ = 15 V
Sinking,
LMC6482I
30
30
24
mA
VO = 12 V
(6)
LMC6482M
30
30
22
LMC6482AI
1
1.4
1.8
Both Amplifiers
V+ = +5 V,
LMC6482I
1
1.4
1.8
mA
VO = V
+/2
LMC6482M
1
1.4
1.9
Supply
IS
Current
LMC6482AI
1.3
1.6
1.9
Both Amplifiers
V+ = 15 V,
LMC6482I
1.3
1.6
1.9
mA
VO = V
+/2
LMC6482M
1.3
1.6
2
(6)
Do not short circuit output to V+, when V+ is greater than 13 V or reliability will be adversely affected.
6
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: LMC6482


Similar Part No. - LMC6482AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI1-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI1-LMC6482AIMX Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482AIMX/NOPB TI1-LMC6482AIMX/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
More results

Similar Description - LMC6482AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6482QML TI1-LMC6482QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482-MIL TI1-LMC6482-MIL Datasheet
2Mb / 31P
[Old version datasheet]   CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LMC6482 NSC-LMC6482 Datasheet
1,001Kb / 22P
   CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LMC6482IMMX TI-LMC6482IMMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482 TI1-LMC6482_16 Datasheet
2Mb / 39P
[Old version datasheet]   LMC6482 CMOS Dual Rail-to-Rail Input and Output Operational Amplifier
LMC6482QML TI1-LMC6482QML_16 Datasheet
2Mb / 29P
[Old version datasheet]   LMC6482QML CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482AIMX TI-LMC6482AIMX Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6482IMM TI1-LMC6482IMM Datasheet
2Mb / 35P
[Old version datasheet]   LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
[Old version datasheet]   CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com