Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM8272MMX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM8272MMX
Description  Dual RRIO, High Output Current & Unlimited Cap Load
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM8272MMX Datasheet(HTML) 1 Page - Texas Instruments

  LM8272MMX Datasheet HTML 1Page - Texas Instruments LM8272MMX Datasheet HTML 2Page - Texas Instruments LM8272MMX Datasheet HTML 3Page - Texas Instruments LM8272MMX Datasheet HTML 4Page - Texas Instruments LM8272MMX Datasheet HTML 5Page - Texas Instruments LM8272MMX Datasheet HTML 6Page - Texas Instruments LM8272MMX Datasheet HTML 7Page - Texas Instruments LM8272MMX Datasheet HTML 8Page - Texas Instruments LM8272MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM8272
SNOS515F – OCTOBER 2000 – REVISED AUGUST 2015
LM8272 Dual RRIO, High Output Current & Unlimited Cap Load
Op Amp in Miniature Package
1 Features
3 Description
The LM8272 is a Rail-to-Rail input and output Op
1
(VS = 12V, TA = 25°C, Typical values unless
Amp which can operate with a wide supply voltage
specified).
range. This device has high output current drive,
GBWP 15MHz
greater than Rail-to-Rail input common mode voltage
Wide supply voltage range 2.5 V to 24 V
range, and unlimited capacitive load drive capability,
while requiring only 0.95mA/channel supply current. It
Slew rate 15 V/µs
is specifically designed to handle the requirements of
Supply current/channel 0.95 mA
flat panel TFT panel VCOM driver applications as well
Cap load tolerance Unlimited
as being suitable for other low power and medium
speed applications which require ease of use and
Output short circuit current ±13 0mA
enhanced performance over existing devices.
Output current (1 V from rails) ±65 mA
Greater than Rail-to-Rail input common mode voltage
Input common mode voltage 0.3 V beyond rails
range with 50 dB of Common Mode Rejection allows
Input voltage noise 15 nV/
√Hz
high side and low side sensing among many
Input current noise 1.4 pA/
√Hz
applications without concerns for exceeding the range
and
with
no
compromise
in
accuracy.
An
2 Applications
exceptionally wide operating supply voltage range of
2.5
V
to
24
V
removes
any
concerns
over
TFT-LCD flat panel VCOM driver
functionality under extreme conditions and offers
A/D converter buffer
flexibility of use in multitude of applications. In
High side/low side sensing
addition, most device parameters are insensitive to
power supply variations. This design enhancement is
Headphone amplifier
yet another step in simplifying its usage.
The LM8272 is offered in the 8-pin VSSOP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM8272
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Large Signal Step Response
Simplified Schematic
for Various Cap. Load
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM8272MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8272MMX NSC-LM8272MMX Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
More results

Similar Description - LM8272MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
[Old version datasheet]   Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
[Old version datasheet]   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   High Output Current and Unlimited Capacitive Load Operational Amplifier
LM7322QMAX TI-LM7322QMAX Datasheet
1Mb / 35P
[Old version datasheet]   Dual Rail-to-Rail Input/Output 15V, High Output Current and Unlimited Capacitive Load Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com