Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JX011U Datasheet(PDF) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JX011U
Description  Sensitive gate SCRs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JX011U Datasheet(HTML) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JX011U Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JX011U Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JX011U Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JX011U Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JX011 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 4 / 4-
http://www.jjwdz.com
FIG.3: Surge peak on-state current versus
number of cycles
FIG.6: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms
(dI/dt ≤ 50A
/μs)
FIG.4: On-state characteristics (maximum
values)
1
10
100
1000
Number of cycles
0
ITSM (A)
ITM(A)
0
1.0
2.0
3.0
4.0
5.0
tp(ms)
0.01
0.1
1
10
1
10
100
ITSM (A)
-40
0
40
80
120
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.1
1
3
6
9
12
Tj (℃)
IGT
IH&IL
10
VTM(V)
Tj=25℃
Tj=Tjmax
ITSM
One cycle
tp=10ms
dI/dt
Information furnished in this document is believed to be accurate and reliable.
However, Jiangsu JieJie Microelectronics Co.,Ltd assumes no responsibility for the
consequences of use without consideration for such information nor use beyond it.
Information mentioned in this document is subject to change without notice, apart
from that when an agreement is signed, Jiangsu JieJie complies with the agreement.
Products and information provided in this document have no infringement of patents.
Jiangsu JieJie assumes no responsibility for any infringement of other rights of third
parties which may result from the use of such products and information.
This document is the fourth version which is made in 20-Dec.-2014. This document
supersedes and replaces all information previously supplied.
is a registered trademark of Jiangsu JieJie Microelectronics Co.,Ltd.
Copyright
©2014 Jiangsu JieJie Microelectronics Co.,Ltd. Printed All rights reserved.


Similar Part No. - JX011U

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JX010 JIEJIE-JX010 Datasheet
248Kb / 1P
   SCR Chip
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX014CR JIEJIE-JX014CR Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX014V JIEJIE-JX014V Datasheet
321Kb / 4P
   Sensitive gate SCRs
More results

Similar Description - JX011U

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com