Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLS13VTT86 Datasheet(PDF) 8 Page - Rohm

Part # SMLS13VTT86
Description  Narrow directivity and high brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLS13VTT86 Datasheet(HTML) 8 Page - Rohm

  SMLS13VTT86 Datasheet HTML 1Page - Rohm SMLS13VTT86 Datasheet HTML 2Page - Rohm SMLS13VTT86 Datasheet HTML 3Page - Rohm SMLS13VTT86 Datasheet HTML 4Page - Rohm SMLS13VTT86 Datasheet HTML 5Page - Rohm SMLS13VTT86 Datasheet HTML 6Page - Rohm SMLS13VTT86 Datasheet HTML 7Page - Rohm SMLS13VTT86 Datasheet HTML 8Page - Rohm SMLS13VTT86 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
(1.8)
(4.6)
<Surface Mount〉
2.1
5.1
〈Reverse Mount〉
SML-S1 Series
2014.12 - Rev.B
8/8
4-5. Soldering Pattern for Recommendation
We recommend the soldering pattern that shows on the right. It
will be different according to mounting situation of circuit board,
therefore, please concern before designing.
*
The product has adopted the electrode structure that it should
solder with back electrode of the product. Thus, please be
informed that the shape of electrode pin of solder fillet formation is
not guaranteed.
4-6. Reflow Profile
For reflow profile, please refer to the conditions below:(*)
• Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax Maximum of pre-heating temperature
180ºC
Tsmin Minimum of pre-heating temperature
140ºC
Ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
230 to 260ºC
tL
Retention time for TL
Within 40sec.
TP
Peak temperature
260ºC(Max)
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3ºC/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3ºC/sec.
*
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow furnaces
before using, because stress from circuit boards and temperature variations of reflow furnaces vary by
customer’s own conditions.
4-7. Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30ºC within 3 minutes
Ultrasonic Cleaning
15W / Below 1 liter (capacity of tank)
Drying
Under 100ºC within 3 minutes
Stress strength according to
the mounting position:
A>B>C>D
4-4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting, so please pay attention to the touch on
product.


Similar Part No. - SMLS13VTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLS14BET ROHM-SMLS14BET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
SMLS14BNTT68 ROHM-SMLS14BNTT68 Datasheet
1Mb / 17P
   Blue Surface Mount Chip LEDs featuring with lens InGaN packed with transparent colorless resin.
2022.8 - Rev.002
SMLS14EET ROHM-SMLS14EET Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SMLS13VTT86

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sanken electric
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
   5phi Round Narrow-directivity LED (Direct Mount)
logo
Sharp Corporation
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
logo
Sanken electric
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
logo
Anaren Microwave
X3C09P1-04S ANAREN-X3C09P1-04S Datasheet
927Kb / 19P
   High Directivity
logo
Sharp Corporation
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com