Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37256V Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY37256V
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37256V Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY37256V Datasheet HTML 35Page - Cypress Semiconductor CY37256V Datasheet HTML 36Page - Cypress Semiconductor CY37256V Datasheet HTML 37Page - Cypress Semiconductor CY37256V Datasheet HTML 38Page - Cypress Semiconductor CY37256V Datasheet HTML 39Page - Cypress Semiconductor CY37256V Datasheet HTML 40Page - Cypress Semiconductor CY37256V Datasheet HTML 41Page - Cypress Semiconductor CY37256V Datasheet HTML 42Page - Cypress Semiconductor CY37256V Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 39 of 62
Pin Configurations[20] (continued)
256-Ball PBGA (BG256)
Top View
12345
6789
10
11
12
13
14
15
16
17
18
19
20
A
GND
I/O21
NC
I/O16
I/O12
I/O9
I/O7
I/O4
I/O0
I/O190
I/O189
I/O186
I/O182
NC
I/O178
I/O175
NC
NC
I/O169
I/O168
A
B
I/O23
I/O20
I/O19
I/O18
I/O15
I/O11
I/O8
I/O5
I/O1
I/O191
I/O187
I/O185
I/O181
NC
NC
I/O174
I/O171
I/O170
NC
I/O166
B
C
NC
NC
I/O22
NC
I/O17
I/O14
I/O10
I/O6
I/O2
NC
I/O188
I/O184
I/O180
I/O179
I/O176
I/O173
I/O172
I/O167
I/O165
I/O162
C
D
I/O24
NC
NC
GND
NC
VCCO
I/O13
GND
I/O3
NC
VCC
I/O183
GND
I/O177
VCCO
NC
GND
I/O164
TDI
I/O160
D
E
I/O27
I/O26
I/O25
NC
I/O163
I/O161
I/O159
I/O156
E
F
I/O30
TCK
I/O28
VCCO
VCCO
I/O158
NC
I/O154
F
G
I/O33
I/O32
I/O31
I/O29
I/O157
I/O155
I/O153
I/O152
G
H
I/O35
NC
I/O34
GND
GND
GND
GND
GND
GND
GND
GND
I/O151
I/O150
I/O149
H
J
I/O39
I/O38
I/O37
I/O36
GND
GND
GND
GND
GND
GND
I/O148
I/O147
I/O146
I/O145
J
K
I/O42
I/O40
I/O41
VCC
GND
GND
GND
GND
GND
GND
I/O144 CLK3/I4
NC
NC
K
L
I/O43
I/O44
I/O45
I/O46
GND
GND
GND
GND
GND
GND
VCC
CLK2/I3 I/O143
NC
L
M
I/O47 CLK0/I0 CLK1/I1 I/O48
GND
GND
GND
GND
GND
GND
I/O139
I/O140
I/O141
I/O142
M
N
I/O49
I/O50
I/O51
GND
GND
GND
GND
GND
GND
GND
GND
I/O136
I/O137
I/O138
N
P
I/O52
I/O53
I/O55
I/O58
I/O131
I/O133
I/O134
I/O135
P
R
I/O54
I/O56
I/O59
VCCO
VCCO
I/O130
NC
I/O132
R
T
I/O57
I/O60
I/O62
I/O65
I/O124
I/O127
I/O128
I/O129
T
U
I/O61
I/O63
I/O66
GND
I/O76
VCCO
I/O82
GND
I/O91
VCC
I/O98
I/O102
GND
I/O112
VCCO
NC
GND
I/O123
I/O122
I/O126
U
V
I/O64
I/O67
I/O69
I/O75
I/O78
I/O81
I/O85
I/O88
I/O92
I2
I/O97
I/O101
I/O105
I/O109
I/O113
TDO
I/O114
I/O117
I/O121
I/O125
V
W
I/O68
I/O70
I/O72
I/O74
I/O79
I/O83
I/O86
I/O89
I/O93
I/O95
I/O96
I/O100
I/O104
I/O107
I/O110
NC
NC
I/O115
I/O118
I/O120
W
Y
I/O71
I/O73
I/O77
TMS
I/O80
I/O84
I/O87
I/O90
I/O94
NC
NC
I/O99
I/O103
I/O106
I/O108
I/O111
NC
NC
I/O116
I/O119
Y
12345
6789
10
11
12
13
14
15
16
17
18
19
20


Similar Part No. - CY37256V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37256VP CYPRESS-CY37256VP Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37256VP100-100AXC CYPRESS-CY37256VP100-100AXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37256VP100-100BAXC CYPRESS-CY37256VP100-100BAXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37256VP100-100BBXC CYPRESS-CY37256VP100-100BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37256VP100-100BGXC CYPRESS-CY37256VP100-100BGXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37256V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com