Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-S1 Datasheet(PDF) 1 Page - Rohm

Part # SML-S1
Description  Narrow directivity and high brightness
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-S1 Datasheet(HTML) 1 Page - Rohm

  SML-S1 Datasheet HTML 1Page - Rohm SML-S1 Datasheet HTML 2Page - Rohm SML-S1 Datasheet HTML 3Page - Rohm SML-S1 Datasheet HTML 4Page - Rohm SML-S1 Datasheet HTML 5Page - Rohm SML-S1 Datasheet HTML 6Page - Rohm SML-S1 Datasheet HTML 7Page - Rohm SML-S1 Datasheet HTML 8Page - Rohm SML-S1 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
lFeatures
lOutline
• Surface mount Lans LEDs
• Narrow directivity and high brightness
• Availability of reverse mounting
lSize
lDimensions
lRecommended Solder Pattern
lSpecifications
Typ.
IF
Min.*
2
Typ.
Max.*
2
IF
Typ.
IF
(V)
(mA)
(nm)
(nm)
(nm)
(mA)
(mcd)
(mA)
SML-S13VT
625
630
635
450
SML-S13UT
615
620
625
700
SML-S13DT
602
605
608
SML-S13YT
587
590
593
SML-S13MT
569
572
575
400
SML-S13PT
557
560
563
160
SMLS14EET
3.3
520
527
538
3000
SMLS14BET
3.2
464
470
476
800
*1 : Duty 1/10, 1kHz *2 : Reference
100*
1
1.9
2
Forward Voltag VF
Part No.
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Operating Temp.
Topr(ºC)
Power
Peak Forward
Current
IFP(mA)
20
20
20
-40 to +85
Luminous Intensity IV
1400
Dominant Wavelength
lD
Storage Temp.
SML-S1 Series
Yellowis
h
Green
Forward
Current
PD(mW) IF(mA)
Dissipation
Color
Emitting
Tstg(ºC)
-40 to +100
-40 to +85
InGaN
AIGaInP
Green
Bluish
Green
117
78
75
30
Red
Orange
Yellow
Blue
Tolerance :
0.1
(unit : mm)
3216(1206) size
3.2×1.6mm (t=1.85mm)
Color
Type
V
U
D
Y
M
P
E
B
(unit : mm)
Surface mount
Back mount
(2)
(4.6)
2.1
5.1
1/8
2014.12 - Rev.B


Similar Part No. - SML-S1

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13DT ROHM-SML-S13DT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13DT ROHM-SML-S13DT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
SML-S13MT ROHM-SML-S13MT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
SML-S13MT ROHM-SML-S13MT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
SML-S13PT ROHM-SML-S13PT Datasheet
326Kb / 12P
   Surface mount Lens LEDs
More results

Similar Description - SML-S1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Sanken electric
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
   5f Round Narrow-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
   5phi Round Narrow-directivity LED (Direct Mount)
logo
Sharp Corporation
PT481FE0000F SHARP-PT481FE0000F Datasheet
826Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Darlington Phototransistor
logo
Sanken electric
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
logo
Anaren Microwave
X3C09P1-04S ANAREN-X3C09P1-04S Datasheet
927Kb / 19P
   High Directivity
logo
Sharp Corporation
PT483F1E000F SHARP-PT483F1E000F Datasheet
789Kb / 9P
   Opaque Resin, Narrow Directivity Angle, Long Terminal Darlington Phototransistor
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com