Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FUSIONQUAD Datasheet(PDF) 2 Page - Amkor Technology

Part # FUSIONQUAD
Description  Increased I/O (116 to 356) in smaller package footprints
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FUSIONQUAD Datasheet(HTML) 2 Page - Amkor Technology

  FUSIONQUAD Datasheet HTML 1Page - Amkor Technology FUSIONQUAD Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor
shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend
or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and
without notice. © 2013, Amkor Technology Incorporated. All Rights Reserved.
Visit Amkor Technology online for locations and
to view the most current product information.
LEADFRAME
Data Sheet
DS587D
Rev Date: 7/12
Cross-sections FusionQuad® VQFP
Process Highlights
• Die thickness
10.0 ± .5 mils
• Strip solder plating
Matte Sn or Ni/Pd/Au
• Strip marking
Laser
• Lead inspection
Laser/optical
• Pack/ship options
Bar code, dry pack
• Wafer backgrinding
Available
Test Services
• Program generation/conversion
• Product engineering support
• Wafer sort
• Available test/handling technology
• Burn-in capabilities
Shipping
• JEDEC outline CS-007 low profile tray
Configuration Options
FusionQuad® Package Options (mm)
Body Size
(mm)
Total Max IO Number Possible
Peripheral Lead
Max Die Pad Size (mm)
Dual Row Land
Single Row Land
0.4 pitch
0.5 pitch
0.4 pitch
0.5 pitch
0.4 pitch
0.5 pitch
0.4 pitch
0.5 pitch
10 x 10
164
132
148
116
88
64
5.3
5.3
12 x 12
200
164
176
140
108
80
6.5
6.5
14 x 14
228
192
204
168
128
100
7.3
7.5
16 x 16
264
224
236
196
148
120
8.5
8.7
20 x 20
316
264
280
228
184
144
9.7
10
24 x 24
356
296
320
260
224
176
9.7
10
Note: Above are estimates only.
Detailed designs have not yet been implemented for all options.
Actual pin counts are pad size dependent.
FusionQuad®
Gold Wire
Mold Compound
Die
Cu Leadframe
Exposed Lands
Exposed Die
Paddle
less than
1.00mm
Seat Height
0.8mm
Body
SOH: .05
nominal
Dual Row Exposed Land Design
Single Row Exposed Land Design
less than
1.00mm
Seat Height
0.8mm
Body
SOH: .05
nominal
Internal Power
Ring / Bar


Similar Part No. - FUSIONQUAD

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
More results

Similar Description - FUSIONQUAD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGD18N45CLB LITTELFUSE-NGD18N45CLB Datasheet
279Kb / 8P
   DPAK Package Offers Smaller Footprint for Increased Board Space
logo
Shindengen Electric Mfg...
D50XB80 SHINDENGEN-D50XB80_17 Datasheet
437Kb / 4P
   Large I o Single In-line Package
D30XT80 SHINDENGEN-D30XT80_17 Datasheet
465Kb / 4P
   Large I o Single In-line Package
logo
List of Unclassifed Man...
SAA1094 ETC-SAA1094 Datasheet
306Kb / 1P
   Tone Ringer IC (14-Pin Plastic Package TO-116)
logo
M-System Co.,Ltd.
R10M-CT4E MSYSTEM-R10M-CT4E Datasheet
365Kb / 7P
   Plug-in Remote I/O R10 Series MODBUS I/O MODULE
R10M-US2 MSYSTEM-R10M-US2 Datasheet
401Kb / 8P
   Plug-in Remote I/O R10 Series MODBUS I/O MODULE
logo
Advanced Power Electron...
AP2626GY-HF A-POWER-AP2626GY-HF Datasheet
66Kb / 4P
   Simple Drive Requirement, Smaller Outline Package
logo
Black Box Registered Tr...
ED-549 BLACKBOX-ED-549 Datasheet
1Mb / 6P
   Ethernet to Analogue I/O
ED-560 BLACKBOX-ED-560 Datasheet
1Mb / 6P
   Ethernet to Analogue I/O
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com