Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37128V Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY37128V
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37128V Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY37128V Datasheet HTML 16Page - Cypress Semiconductor CY37128V Datasheet HTML 17Page - Cypress Semiconductor CY37128V Datasheet HTML 18Page - Cypress Semiconductor CY37128V Datasheet HTML 19Page - Cypress Semiconductor CY37128V Datasheet HTML 20Page - Cypress Semiconductor CY37128V Datasheet HTML 21Page - Cypress Semiconductor CY37128V Datasheet HTML 22Page - Cypress Semiconductor CY37128V Datasheet HTML 23Page - Cypress Semiconductor CY37128V Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 20 of 62
Operating Frequency Parameters
fMAX1
200
167
154
143
125[16]
100
83
66
MHz
fMAX2
200
200
200
167
154
153[17]
125[18]
100
MHz
fMAX3
125
125
105
91
83
80[17]
62.5
50
MHz
fMAX4
167
167
154
125
118
100
83
66
MHz
Reset/Preset Parameters
tRW
8
88
8
10
12
15
20
ns
tRR
[13]
10
10
10
10
12
14
17
22
ns
tRO
[13, 14, 15]
12
13
13
14
15
18
21
26
ns
tPW
8
88
8
10
12
15
20
ns
tPR
[13]
10
10
10
10
12
14
17
22
ns
tPO
[13, 14, 15]
12
13
13
14
15
18
21
26
ns
User Option Parameters
tLP
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tSLEW
33
3
3
3
3
3
3
ns
t3.3IO
[19]
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
ns
JTAG Timing Parameters
tS JTAG
0
00
0
00
0
0
ns
tH JTAG
20
20
20
20
20
20
20
20
ns
tCO JTAG
20
20
20
20
20
20
20
20
ns
fJTAG
20
20
20
20
20
20
20
20
MHz
Switching Characteristics Over the Operating Range[12] (continued)
Parameter
200 MHz
167 MHz
154 MHz
143 MHz
125 MHz
100 MHz
83 MHz
66 MHz
Unit
Switching Waveforms
Note:
19. Only applicable to the 5V devices.
tPD
INPUT
COMBINATORIAL
OUTPUT
Combinatorial Output


Similar Part No. - CY37128V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37128VP CYPRESS-CY37128VP Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100AXC CYPRESS-CY37128VP100-100AXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100BAXC CYPRESS-CY37128VP100-100BAXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100BBXC CYPRESS-CY37128VP100-100BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100BGXC CYPRESS-CY37128VP100-100BGXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37128V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com