Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37128V Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY37128V
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37128V Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY37128V Datasheet HTML 10Page - Cypress Semiconductor CY37128V Datasheet HTML 11Page - Cypress Semiconductor CY37128V Datasheet HTML 12Page - Cypress Semiconductor CY37128V Datasheet HTML 13Page - Cypress Semiconductor CY37128V Datasheet HTML 14Page - Cypress Semiconductor CY37128V Datasheet HTML 15Page - Cypress Semiconductor CY37128V Datasheet HTML 16Page - Cypress Semiconductor CY37128V Datasheet HTML 17Page - Cypress Semiconductor CY37128V Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 14 of 62
5.0V Device Characteristics
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State................................................–0.5V to +7.0V
DC Input Voltage ............................................–0.5V to +7.0V
DC Program Voltage............................................. 4.5 to 5.5V
Current into Outputs .................................................... 16 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range[2]
Range
Ambient
Temperature[2]
Junction
Temperature
Output
Condition
VCC
VCCO
Commercial
0°C to +70°C
0°C to +90°C
5V
5V
± 0.25V
5V
± 0.25V
3.3V
5V
± 0.25V
3.3V
± 0.3V
Industrial
–40°C to +85°C
–40°C to +105°C
5V
5V
± 0.5V
5V
± 0.5V
3.3V
5V
± 0.5V
3.3V
± 0.3V
Military[3]
–55°C to +125°C
–55°C to +130°C
5V
5V
± 0.5V
5V
± 0.5V
3.3V
5V
± 0.5V
3.3V
± 0.3V
5.0V Device Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Typ.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3.2 mA (Com’l/Ind)
[4]
2.4
V
IOH = –2.0 mA (Mil)
[4]
2.4
V
VOHZ
Output HIGH Voltage with
Output Disabled[5]
VCC = Max.
IOH = 0 µA (Com’l)
[6]
4.2
V
IOH = 0 µA (Ind/Mil)
[6]
4.5
V
IOH = –100 µA (Com’l)
[6]
3.6
V
IOH = –150 µA (Ind/Mil)
[6]
3.6
V
VOL
Output LOW Voltage
VCC = Min.
IOL = 16 mA (Com’l/Ind)
[4]
0.5
V
IOL = 12 mA (Mil)
[4]
0.5
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH Voltage for all Inputs[7]
2.0
VCCmax
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW Voltage for all Inputs[7]
–0.5
0.8
V
IIX
Input Load Current
VI = GND OR VCC, Bus-Hold Disabled
–10
10
µA
IOZ
Output Leakage Current
VO = GND or VCC, Output Disabled, Bus-Hold Disabled
–50
50
µA
IOS
Output Short Circuit Current[8, 5] VCC = Max., VOUT = 0.5V
–30
–160
mA
IBHL
Input Bus-Hold LOW
Sustaining Current
VCC = Min., VIL = 0.8V
+75
µA
IBHH
Input Bus-Hold HIGH
Sustaining Current
VCC = Min., VIH = 2.0V
–75
µA
IBHLO
Input Bus-Hold LOW
Overdrive Current
VCC = Max.
+500
µA
IBHHO
Input Bus-Hold HIGH
Overdrive Current
VCC = Max.
–500
µA
Notes:
2.
Normal Programming Conditions apply across Ambient Temperature Range for specified programming methods. For more information on programming the
Ultra37000 Family devices, please refer to the Application Note titled “An Introduction to In System Reprogramming with the Ultra37000.”
3.
TA is the “Instant On” case temperature.
4.
IOH = –2 mA, IOL = 2 mA for TDO.
5.
Tested initially and after any design or process changes that may affect these parameters.
6.
When the I/O is output disabled, the bus-hold circuit can weakly pull the I/O to above 3.6V if no leakage current is allowed. Note that all I/Os are output disabled
during ISR programming. Refer to the application note “Understanding Bus-Hold” for additional information.
7.
These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
8.
Not more than one output should be tested at a time. Duration of the short circuit should not exceed 1 second. VOUT = 0.5V has been chosen to avoid test
problems caused by tester ground degradation.


Similar Part No. - CY37128V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37128VP CYPRESS-CY37128VP Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100AXC CYPRESS-CY37128VP100-100AXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100BAXC CYPRESS-CY37128VP100-100BAXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100BBXC CYPRESS-CY37128VP100-100BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37128VP100-100BGXC CYPRESS-CY37128VP100-100BGXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37128V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com