Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C130-45PC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C130-45PC
Description  1K x 8 Dual-Port Static Ram
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C130-45PC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C130-45PC Datasheet HTML 1Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 2Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 3Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 4Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 5Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 6Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 7Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 8Page - Cypress Semiconductor CY7C130-45PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
3
]
Electrical Characteristics Over the Operating Range[6]
7C131-15[3,4]
7C141-15
7C130-30[3]
7C131-25,30
7C140-30
7C141-25,30
7C130-35
7C131-35
7C140-35
7C141-35
7C130-45,55
7C131-45,55
7C140-45,55
7C141-45,55
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min. Max.
Min.
Max.
Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 4.0 mA
0.4
0.4
0.4
0.4
V
IOL = 16.0 mA
[7]
0.5
0.5
0.5
0.5
VIH
Input HIGH Voltage
2.2
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–5
+5
–5
+5
–5
+5
–5
+5
µA
IOZ
Output Leakage
Current
GND < VO < VCC,
Output Disabled
–5
+5
–5
+5
–5
+5
–5
+5
µA
IOS
Output Short
Circuit Current[8, 9]
VCC = Max.,
VOUT = GND
–350
–350
–350
–350
mA
ICC
VCC Operating
Supply Current
CE = VIL,
Outputs Open,
f = fMAX
[10]
Com’l
190
170
120
90
mA
Mil
170
120
ISB1
Standby Current
Both Ports,
TTL Inputs
CEL and CER >
VIH, f = fMAX
[10]
Com’l
75
65
45
35
mA
Mil
65
45
ISB2
Standby Current
One Port,
TTL Inputs
CEL or CER > VIH,
Active Port Out-
puts Open,
f = fMAX
[10]
Com’l
135
115
90
75
mA
Mil
115
90
ISB3
Standby Current
Both Ports,
CMOS Inputs
Both Ports CEL
and CER > VCC
0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0
Com’l
15
15
15
15
mA
Mil
15
15
ISB4
Standby Current
One Port,
CMOS Inputs
One Port CEL or
CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V,
Active Port Outputs
Open,
f = fMAX
[10]
Com’l
125
105
85
70
mA
Mil
105
85
Notes:
6.
See the last page of this specification for Group A subgroup testing information.
7.
BUSY and INT pins only.
8.
Duration of the short circuit should not exceed 30 seconds.
9.
This parameter is guaranteed but not tested.
10. At f=fMAX, address and data inputs are cycling at the maximum frequency of read cycle of 1/tRC and using AC Test Waveforms input levels of GND to 3V.
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
15
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C130-45PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130-45PC CYPRESS-CY7C130-45PC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C130-45PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com