Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512 Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # CY37512
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512 Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button CY37512 Datasheet HTML 36Page - Cypress Semiconductor CY37512 Datasheet HTML 37Page - Cypress Semiconductor CY37512 Datasheet HTML 38Page - Cypress Semiconductor CY37512 Datasheet HTML 39Page - Cypress Semiconductor CY37512 Datasheet HTML 40Page - Cypress Semiconductor CY37512 Datasheet HTML 41Page - Cypress Semiconductor CY37512 Datasheet HTML 42Page - Cypress Semiconductor CY37512 Datasheet HTML 43Page - Cypress Semiconductor CY37512 Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 40 of 62
Pin Configurations[20] (continued)
256-Ball Fine-Pitch BGA (BB256)
Top View
123
456
789
10
11
12
13
14
15
16
A
GND
GND
I/O26
I/O24
I/O20
VCC
I/O11
GND
GND
I/O18
6
VCC
I/O17
7
I/O17
2
I/O16
7
GND
GND
B
GND
I/O27
I/O25
I/O23
I/O19
I/O15
I/O10
GND
GND
I/O18
5
I/O18
1
I/O17
6
I/O17
1
I/O16
6
I/O16
5
GND
C
I/O29
I/O28
NC
I/O22
I/O18
I/O14
I/O9
I/O4
I/O19
1
I/O18
4
I/O18
0
I/O17
5
I/O17
0
NC
I/O16
3
I/O16
4
D
I/O32
I/O31
I/O30
NC
I/O17
I/O13
I/O8
I/O3
I/O19
0
I/O18
3
I/O17
9
I/O17
4
I/O16
9
I/O16
0
I/O16
1
I/O16
2
E
I/O35
I/O34
I/O33
I/O21
I/O16
I/O12
I/O7
I/O2
I/O18
9
VCC
I/O17
8
I/O17
3
I/O16
8
I/O15
7
I/O15
8
I/O15
9
FVCC
I/O38
I/O37
I/O36
TCK
VCC
I/O6
I/O1
I/O18
8
I/O18
2
VCC
TDI
I/O15
4
I/O15
5
I/O15
6
VCC
G
I/O43
I/O42
I/O41
I/O40
VCC
I/O39
I/O5
I/O0
I/O18
7
I/O14
8
I/O14
9
CLK3
/I4
I/O15
0
I/O15
1
I/O15
2
I/O15
3
H
GND
GND
I/O47
I/O46
CLK0
/I0
I/O45
I/O44
GND
GND
I/O14
4
I/O14
5
CLK2
/I3
I/O14
6
I/O14
7
GND
GND
J
GND
GND
I/O51
I/O50
NC
I/O49
I/O48
GND
GND
I/O14
0
I/O14
1
I2
I/O14
2
I/O14
3
GND
GND
K
I/O57
I/O56
I/O55
I/O54
CLK1
/I1
I/O53
I/O52
I/O91
I/O96
I/O10
1
I/O13
5
VCC
I/O13
6
I/O13
7
I/O13
8
I/O13
9
LVCC
I/O60
I/O59
I/O58
TMS
VCC
I/O86
I/O92
I/O97
I/O10
2
VCC
TDO
I/O13
2
I/O13
3
I/O13
4
VCC
M
I/O63
I/O62
I/O61
I/O72
I/O77
I/O82
VCC
I/O93
I/O98
I/O10
3
I/O10
8
I/O11
2
I/O11
7
I/O12
9
I/O13
0
I/O13
1
N
I/O66
I/O65
I/O64
I/O73
I/O78
I/O83
I/O87
I/O94
I/O99
I/O10
4
I/O10
9
I/O11
3
NC
I/O12
6
I/O12
7
I/O12
8
P
I/O68
I/O67
NC
I/O74
I/O79
I/O84
I/O88
I/O95
I/O10
0
I/O10
5
I/O11
0
I/O11
4
I/O11
8
NC
I/O12
4
I/O12
5
R
GND
I/O69
I/O70
I/O75
I/O80
I/O85
I/O89
GND
GND
I/O10
6
I/O11
1
I/O11
5
I/O11
9
I/O12
1
I/O12
3
GND
T
GND
GND
I/O71
I/O76
I/O81
VCC
I/O90
GND
GND
I/O10
7
VCC
I/O11
6
I/O12
0
I/O12
2
GND
GND


Similar Part No. - CY37512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512 CYPRESS-CY37512 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
CY37512P208-100NC CYPRESS-CY37512P208-100NC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37512P208-100NI CYPRESS-CY37512P208-100NI Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37512P208-100UM CYPRESS-CY37512P208-100UM Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
CY37512P208-125NC CYPRESS-CY37512P208-125NC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com