Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK77P18E160GB-4E Datasheet(PDF) 7 Page - Sony Corporation

Part # CXK77P18E160GB-4E
Description  16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77P18E160GB-4E Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXK77P18E160GB-4E Datasheet HTML 3Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 4Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 5Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 6Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 7Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 8Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 9Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 10Page - Sony Corporation CXK77P18E160GB-4E Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SONY®
CXK77P36E160GB / CXK77P18E160GB
Preliminary
16Mb LW R-L and 8Mb LW R-L w/ EC, rev 1.1
7 / 25
March 2, 2001
DC Recommended Operating Conditions
(VSS = 0V, TA = 0 to 85
oC)
1. The peak-to-peak AC component superimposed on VREF may not exceed 5% of the DC component.
2. VIH (max) AC = VDDQ + 1.0V for pulse widths less than one-quarter of the cycle time (tCYC/4).
3. VIL (min) AC = -1.0V for pulse widths less than one-quarter of the cycle time (tCYC/4).
Item
Symbol
Min
Typ
Max
Units
Notes
Supply Voltage
VDD
3.13
3.3
3.47
V
Output Supply Voltage
VDDQ
1.8
1.9
2.0
V
Input Reference Voltage
VREF
0.7
0.85
1.0
V
1
Input High Voltage (Address, Control, Data)
VIH
VREF + 0.1
---
VDDQ + 0.3
V
2
Input Low Voltage (Address, Control, Data)
VIL
-0.3
---
VREF - 0.1
V
3
Input High Voltage (M1, M2)
VMIH
1.3
---
VDD + 0.3
V
Input Low Voltage (M1, M2)
VMIL
-0.3
---
0.4
V
Clock Input Signal Voltage
VKIN
-0.3
---
VDDQ + 0.3
V
Clock Input Differential Voltage
VDIF
0.2
---
VDDQ + 0.6
V
Clock Input Common Mode Voltage
VCM
0.7
---
1.3
V


Similar Part No. - CXK77P18E160GB-4E

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B1810AGB SONY-CXK77B1810AGB Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-5 SONY-CXK77B1810AGB-5 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B1810AGB-6 SONY-CXK77B1810AGB-6 Datasheet
82Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-6 SONY-CXK77B3610GB-6 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Similar Description - CXK77P18E160GB-4E

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
logo
Sony Corporation
CXK77K36R320GB SONY-CXK77K36R320GB Datasheet
177Kb / 22P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (1Mb x 36)
CXK77K18R320GB SONY-CXK77K18R320GB Datasheet
198Kb / 23P
   32Mb LW R-R HSTL High Speed Synchronous SRAM (2Mb x 18)
logo
GSI Technology
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com