Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C321KM66 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # C321KM66
Description  IEC Contactors & Starters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C321KM66 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C321KM66 Datasheet HTML 1Page - List of Unclassifed Manufacturers C321KM66 Datasheet HTML 2Page - List of Unclassifed Manufacturers C321KM66 Datasheet HTML 3Page - List of Unclassifed Manufacturers C321KM66 Datasheet HTML 4Page - List of Unclassifed Manufacturers C321KM66 Datasheet HTML 5Page - List of Unclassifed Manufacturers C321KM66 Datasheet HTML 6Page - List of Unclassifed Manufacturers C321KM66 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
34-317
IEC Contactors & Starters
34
Freedom
Accessories
Mechanical Interlock and Reversing Kits
Mechanical interlocks and reversing kits are designed for
field assembly of reversing contactors or starters from Free-
dom Series components. The Reversing Kits include a
Mechanical Interlock, stabilizer bar and a pre-cut, trimmed
and formed wire set. Auxiliary contacts, if required, must be
ordered separately. See Page 34-313.
Table 34-406. Reversing Kits (Horizontal Contactor Mounting Only)
Kit includes (2) NC auxiliary contacts.
Table 34-407. Mechanical Interlock Only
Without cross-wiring.
For use with latest series product.
Solid-State Timers
Solid-State ON DELAY Timer — Side Mounted on Freedom Series
NEMA 00 – 2, IEC A – K and C25D, C25E and C25F Frame
This timer is designed to be wired in
SERIES with the load (typically a coil).
When the START button is pushed
(power applied to timer), the ON DELAY
timing function starts. At the completion
of the set timing period, timer and series
wired load will both be energized.
Table 34-408. Product Selection — Mounted Timer
Add operating voltage Suffix to Catalog Number. A = 120V, B = 240V,
E = 208V
Rated .5 ampere pilot duty – not to be used on larger contactors.
Terminal connections are quick connects only. Two per side.
Shorting Bar Kits
These kits provide phase-to-phase power connections of
contactors for field assembly. The kits include bus connec-
tions and mounting hardware. The shorting bars connect all
three phases of a single contactor.
Table 34-409. Product Selection
Pneumatic Timers — Top Mounted
Attachment mounts on top of any NEMA Size
00 – 2 or IEC Size A – K Freedom Series starter
or contactor (top mounted auxiliary contacts
can not be installed on device when timer is
used). Timer unit has 1NO-1NC isolated timed
contacts — circuits in each pole must be the same polarity.
Units are convertible from OFF to ON DELAY or vice-versa.
Table 34-410. Maximum Ampere Ratings
Table 34-411. Product Selection
Application
Catalog
Number
Price
U.S. $
NEMA Size
IEC Size
00
0
1
2
3
A – C
D – F
G – K
C321KM60K14B
C321KM60K13B
C321KM60K15B
C321KM60K16B
C321KM60K17
4
5
L and M
N
P – S
C321KM60K21
C321KM60K18
C321KM60K19
C321KM60K20
C321KM60K44
Application
Catalog
Number
Price
U.S. $
NEMA Size
IEC Size
Contactor
Mounting
00 – 2
A – K
Horizontal
C321KM60B
3
L – N
Horizontal
C321KM30
3 to 4
N to P
Horizontal
C321KM43
4
P – S
Horizontal
C321KM40
4 to 5
Horizontal
C321KM45
4 to 6
S to T/U
Horizontal
C321KM80
5
Horizontal
C321KM50
5 to 6
Horizontal
C321KM56
6
T and U
Horizontal
C321KM70
6 to 7
T/U to V – X
Horizontal
C321KM90
7
V, W and X
Horizontal
C321KM34
4 or 5 to 5
P – S to 5
Vertical
C321KM55
5 to 6
Vertical
C321KM65
6
T and U
Vertical
C321KM66
6 to 7
T/U to V – X
Vertical
C321KM67
Cat. No.
C321KM60B
Part No.
23-7165
Wire Set
Timing Range
Catalog
Number
Price
U.S. $
.1 – 1.0 Seconds
1 – 30 Seconds
30 – 300 Seconds
5 – 30 Minutes
C320TDN1_
C320TDN30_
C320TDN300_
C320TDN2000_
Description
Catalog
Number
Price
U.S. $
NEMA Size 3, IEC Sizes L – N
NEMA Size 4, IEC Sizes P – S
NEMA Size 5
NEMA Size 6, IEC Sizes T and U
C321SB18
C321SB19
C321SB21
C321SB22
Description
Volts AC
120
240
480
600
Make
Break
30
3
15
1.5
7.5
.75
6
.6
Timing Range
Catalog
Number
Price
U.S. $
.1 to 30 Seconds
10 to 180 Seconds
C320TP1
C320TP2
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . 1CD1C


Similar Part No. - C321KM66

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C321 KEMET-C321 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
General Cable Technolog...
C3210 GENERAL-C3210 Datasheet
27Kb / 1P
   2/C 16 SOLID BC HALAR INS. & PVDF JKT 2/C 16 AWG FPLP PLENUM CABLE
C3214 GENERAL-C3214 Datasheet
74Kb / 1P
   2P 24 7/32 TC FEP OAS PVDF TYPE CMP, SHIELDED
C3215 GENERAL-C3215 Datasheet
74Kb / 1P
   3P 24 7/32 TC FEP OAS PVDF TYPE CMP, SHIELDED
logo
TDK Electronics
C3216 TDK-C3216 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C321KM66

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com