Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBN425QB1C10 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FCBN425QB1C10
Description  PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C10 Datasheet(HTML) 5 Page - Finisar Corporation.

  FCBN425QB1C10 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 7Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 8Page - Finisar Corporation. FCBN425QB1C10 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FCBN425QB1Cxx PRELIMINARY Product Specification – September 2015
 Finisar Corporation – 8-Sep-15 Rev A7 Preliminary
Page 5
Notes:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
Settable in various discrete steps via the I2C interface.
3.
From power-on and end of any fault conditions.
4.
For jitter performance depending on CDR configuration, see below
Jitter with TX and RX CDRs enabled
Jitter (Measured at TP1)
Symbol
Min
Typ
Max
Unit
Ref
Total Jitter Input
iTLj pp
0.62
UI
1,2,3,5
Deterministic Jitter Input
iDLj pp
0.42
UI
1,2,3,5
J2 Jitter Tolerance
iLJ2 pp
0.5
UI
2,3,5
J9 Jitter Tolerance
iLJ9 pp
0.58
UI
2,3,5
Jitter (Measured at TP4)
Symbol
Min
Typ
Max
Unit
Ref
Total Jitter Output
oTLj pp
0.45
UI
1,3,4,5
Deterministic Jitter Output
oDLj pp
0.3
UI
1,3,4,5
J2 Jitter
oLJ2 pp
0.34
UI
3,4,5
J9 Jitter
oLJ9 pp
0.43
UI
3,4,5
Notes:
1.
28Gbps PRBS2^31, BER 10^-12.
2.
Measured at TP1, minimum input voltage.
3.
All channels are on for worst condition crosstalk.
4.
Measured at TP4 with iTLj= 0.62UI, iDLj= 0.42UI at TP1, max temp.
5.
These jitter values provided are for information only, they do not include the noise impact of the test
O:E receiver required to measure them.
Jitter with TX and RX CDRs in bypass
Jitter (Measured at TP1)
Symbol
Min
Typ
Max
Unit
Ref
Total Jitter Input
iTLj pp
0.25
UI
1,2,3,5
Deterministic Jitter Input
iDLj pp
0.05
UI
1,2,3,5
Data Depended Pulse Width Shrinkage
DDPWS
pp
0.01
UI
1,2,3,5
J2 Jitter Tolerance
iLJ2 pp
0.12
UI
1,2,3,5
J9 Jitter Tolerance
iLJ9 pp
0.23
UI
1,2,3,5


Similar Part No. - FCBN425QB1C10

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBN425QB1C10 FINISAR-FCBN425QB1C10 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
More results

Similar Description - FCBN425QB1C10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com