Electronic Components Datasheet Search |
|
C335KD3T1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
C335KD3T1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 7 page March 2008 34-314 For more information visit: www.eaton.com CA08102001E IEC Contactors & Starters 34 Freedom Accessories Auxiliary Contact Location NEMA Sizes 00 – 2, IEC Sizes A – K The sketches below illustrate the maximum number of auxil- iary contacts that can be assembled to a contactor or starter and their locations. Table 34-399. Auxiliary Contacts Available positions on contactors or starters other than what is factory installed. When a pneumatic timer is mounted on contactor, only side mounted auxiliary contact positions are available. The solid-state timer, when added, takes up side mounted auxiliary contact position. Figure 34-171. Auxiliary Contact Location NEMA Sizes 3 – 8, IEC Sizes L – Z The sketches below illustrate the maximum number of auxil- iary contacts that can be assembled to a contactor and their locations. Note: A Base Auxiliary Contact must be added in position R1 before additional auxiliary contacts can be mounted on NEMA Size 3 and IEC Sizes L – N, or in L1 on NEMA Sizes 4 – 5 and IEC Sizes P – S. Table 34-400. Auxiliary Contacts Available positions on contactors or starters other than what is factory installed. Figure 34-172. Auxiliary Contact Location Catalog Number Size Poles Available Mounting Positions Open Type Enclosed AE16 A – K 3 T1, L1 L1 AN16 00 0 – 2 3 3 T1, L1, R1 T1, L1 L1 L1 AE56 A – K 3 L1, R1 L1, R1 AN56 00 – 2 3 T1, T2 — CE15 A – C D – K G – J G – J 2 – 4 3 4 5 T1, L1, R1 T1, L1 T1, R1 T1 L1, R1 L1 — — CN15 00 0 – 2 1, 2 1, 2 2 – 4 2 – 3 4 5 T1, L1, R1 T1, L1 T1, L1 T1, L1 L1 L1 — — CN35 10A 20 – 60A 60A 60A 2 – 4 2 – 3 4 5 T1, L1, R1 T1, L1 T1, L1 T1, L1 L1 L1 — — CE55 A – K 3 L1, R1 L1, R1 CN55 00 – 2 3 T1, T2 — L1 T1 T2 R1 L1 T1 T2 R1 L1 T1 Top View Front View L1 T1 R1 Front View Reversing Contactors and Starters Non-reversing Contactors and Starters Top View R1 Size Available Mounting Positions NEMA Size 3, IEC Sizes L – N R2, R3, L1, L2, L3 NEMA Sizes 4 – 5, IEC Sizes P – S L2, L3, R1, R2, R3 NEMA Sizes 6 – 7, IEC Sizes T – X R1 NEMA Size 8, IEC Size Z L2, R2 NEMA Sizes 6 – 7 IEC Sizes T, U, V, W and X NEMA Sizes 3 – 5 IEC Sizes L – S NEMA Size 8 IEC Size Z L1 R1 L1 Front of Contactor Left Side of Contactor L2 Aux. Cont. L3 Aux. Cont. R2 Aux. Cont. R3 Aux. Cont. L1 Base Aux. Cont. R1 Base Aux. Cont. Right Side of Contactor R1 L2 R2 |
Similar Part No. - C335KD3T1 |
|
Similar Description - C335KD3T1 |