Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C25KNE3200_ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C25KNE3200_
Description  Definite Purpose Contactors & Starters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C25KNE3200_ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C25KNE3200_ Datasheet HTML 1Page - List of Unclassifed Manufacturers C25KNE3200_ Datasheet HTML 2Page - List of Unclassifed Manufacturers C25KNE3200_ Datasheet HTML 3Page - List of Unclassifed Manufacturers C25KNE3200_ Datasheet HTML 4Page - List of Unclassifed Manufacturers C25KNE3200_ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
May 2007
4
For more information visit: www.eaton.com
CA03502001E
Definite Purpose Contactors & Starters
Contactors
20 – 40A, Compact 1- and 2-Pole — C25
Dimensions
Figure 1. Compact Approximate Dimensions in Inches (mm) and Shipping Weights
Compact 1-Pole
Compact 1-Pole with Shunt
Compact 2-Pole
2.32 (59)
3.19
(81)
0.25 (6.3)
0.03
(0.8)
1.61 (41)
1.97 (50)
0.21
(5.2)
1.50
(38)
1.77
(45)
2.40
(61)
0.03
(0.8)
1.61 (41)
1.97 (50)
0.21
(5.2)
1.50
(38)
1.77
(45)
2.40
(61)
2.32 (59)
3.19
(81)
0.25 (6.3)
1-Pole and 1-Pole +Shunt
Ship. Wt.: 0.5 lb. (0.2 kg)
2-Pole
Ship. Wt.: 0.7 lb. (0.3 kg)
Product Selection
When Ordering Specify
Catalog Number plus Magnet Coil
Suffix.
Modify Catalog Number for any
options required — see factory
installed Options Page 3.
Table 4. Catalog Numbering System
Table 5. Compact Contactors Product Selection— Open Type
Rating per pole.
Incomplete Catalog Number. Replace underscore (_) in Catalog Number with Coil Suffix letter
from Table 6.
Bulk pack quantities are available in quantities of 50, contact local sales office.
Table 6. Magnet Coil Selection
Incomplete
Catalog Number
Magnet
Coil Suffix
C25BNB230
A
Ampere Ratings
Max. Motor
Horsepower
Max. Motor
Kilowatts
Catalog
Number
Price
U.S. $
Inductive
Full Load
Resistive
Locked Rotor
240 – 277V
480V
600V
115V
230V
115V
230V
Single-Pole
25
30
40
30
40
50
150
150
240
50
75
200
40
50
160
2
2
3
3
5
7-1/2
1.5
1.5
2.2
2.2
3.7
5.5
C25ANB125_
C25ANB130_
C25ANB140_
51.00
60.50
74.50
Single-Pole with Shunt
25
30
40
30
40
50
150
150
240
50
75
200
40
50
160
2
2
3
3
5
7-1/2
1.5
1.5
2.2
2.2
3.7
5.5
C25CNB125_
C25CNB130_
C25CNB140_
54.50
63.00
77.00
Double-Pole
20
25
30
40
30
35
40
50
120
150
150
240
100
125
125
200
80
100
100
160
1-1/2
2
2
3
3
3
5
7-1/2
1.1
1.5
1.5
2.2
2.2
2.2
3.7
5.5
C25BNB220_
C25BNB225_
C25BNB230_
C25BNB240_
57.00
65.00
74.50
91.50
AC Coil Voltage
50/60 Hz
Coil
Suffix
24
110 – 120
208 – 240
277
380 – 415 (50 Hz); 440 – 480 (60 Hz)
T
A
B
H
C
Technical Data . . . . . . . . . . . . . . . . . . . . . . . Page 3
Options. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 3
Discount Symbol . . . . . . . . . . . . . . . . . . . . . 1CD-5C


Similar Part No. - C25KNE3200_

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C25K WTE-C25K Datasheet
23Kb / 2P
   25A AUTOMOTIVE RECTIFIER CELL
C25K WTE-C25K Datasheet
29Kb / 2P
   25A AUTOMOTIVE CELL DIODE
C25K WTE-C25K Datasheet
31Kb / 2P
   25A AUTOMOTIVE CELL DIODE
More results

Similar Description - C25KNE3200_

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
XMCK AZETTLER-XMCK Datasheet
229Kb / 4P
   Definite Purpose Contactors
logo
Tyco Electronics
DPC MACOM-DPC Datasheet
315Kb / 4P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
XMC0 ETC-XMC0 Datasheet
253Kb / 10P
   Definite Purpose Contactors
logo
American Zettler, Inc.
XMC0 AZETTLER-XMC0 Datasheet
574Kb / 8P
   Definite Purpose Contactors
logo
Hongfa Technology
XMC0 HONGFA-XMC0 Datasheet
1Mb / 12P
   Definite Purpose Contactors
logo
List of Unclassifed Man...
90-244 ETC2-90-244 Datasheet
292Kb / 2P
   2 POLE DEFINITE PURPOSE CONTACTORS
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com