Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP30214M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CP30214M
Description  METAL FEEDTHROUGH CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CP30214M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CP30214M Datasheet HTML 1Page - List of Unclassifed Manufacturers CP30214M Datasheet HTML 2Page - List of Unclassifed Manufacturers CP30214M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLIFF
Cliff Electronic Components Limited
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
METAL FEEDTHROUGH
CONNECTORS FT Series
For further information, contact sales@cliffuk.co.uk
© CLIFF 09/15 Iss 1
Part No.
Description
CP30205NM USB 3.0 A to USB 3.0 A, Nickel Plated, CSK hole.
Part No.
Description
CP30206NM USB 3.0 B to USB 3.0 A, Nickel Plated, CSK hole.
Part No.
Description
CP30207NM USB 2.0 B to USB 2.0 A, Nickel Plated, CSK hole.
The
FT Series of true feed through connectors are perfect for developing custom I/O
Metal
configurations for wall-plates, rack panels, etc. ALL fit within a standard XLR panel cutout, and
use common cabling for front and back connections. No soldering, no punch terminations, just
use the standard cable for that particular connector style. Mount from the front or back, low rear
profile accommodates the tightest “behind the panel” spaces. Available in a wide variety of styles.


Similar Part No. - CP30214M

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30214M CLIFF-CP30214M Datasheet
259Kb / 1P
   LC DUPLEX MM FEEDTHROUGH CONNECTOR
05/2020
CP30214M3 CLIFF-CP30214M3 Datasheet
259Kb / 1P
   LC DUPLEX MM FEEDTHROUGH CONNECTOR
05/2020
CP30214M3B CLIFF-CP30214M3B Datasheet
259Kb / 1P
   LC DUPLEX MM FEEDTHROUGH CONNECTOR
05/2020
CP30214MB CLIFF-CP30214MB Datasheet
259Kb / 1P
   LC DUPLEX MM FEEDTHROUGH CONNECTOR
05/2020
More results

Similar Description - CP30214M

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
   FEEDTHROUGH SEAL
logo
Schaffner International...
FN-756X SCHAFFNER-FN-756X Datasheet
420Kb / 4P
   DC Feedthrough Capacitor
logo
Electronic Components L...
CP30217 CLIFF-CP30217 Datasheet
264Kb / 1P
   TOSLINK FEEDTHROUGH CONNECTOR
05/2020
logo
Glenair, Inc.
180-050C GLENAIR-180-050C Datasheet
175Kb / 1P
   Feedthrough Probe Connector
logo
Schaffner International...
FN-766X SCHAFFNER-FN-766X Datasheet
299Kb / 4P
   DC Feedthrough Filter
logo
Pepperl+Fuchs Inc.
V15-M16-V15 PF-V15-M16-V15 Datasheet
750Kb / 2P
   Switch cabinet feedthrough
2023-02-20
logo
Glenair, Inc.
180-049C GLENAIR-180-049C Datasheet
184Kb / 1P
   Feedthrough Probe Connector
logo
Schaffner International...
FN-761X SCHAFFNER-FN-761X Datasheet
321Kb / 4P
   AC Feedthrough Filter
FN-751X SCHAFFNER-FN-751X Datasheet
355Kb / 4P
   AC Feedthrough Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com