Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16-16AI Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATMEGA16-16AI
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
Download  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16-16AI Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATMEGA16-16AI Datasheet HTML 28Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA16-16AI Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 315 page
background image
32
ATmega16(L)
2466E–AVR–10/02
Asynchronous Timer should be considered undefined after wake-up in Power-save
mode if AS2 is 0.
This sleep mode basically halts all clocks except clk
ASY, allowing operation only of asyn-
chronous modules, including Timer/Counter2 if clocked asynchronously.
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Extended Standby Mode
When the SM2..0 bits are 111 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Extended Standby mode. This mode is
identical to Power-save mode with the exception that the Oscillator is kept running.
From Extended Standby mode, the device wakes up in six clock cycles..
Notes:
1. External Crystal or resonator selected as clock source.
2. If AS
2 bit in ASSR is set.
3. Only INT2 or level interrupt INT1 and INT0.
Table 14. Active Clock Domains and Wake Up Sources in the Different Sleep Modes
Active Clock domains
Oscillators
Wake-up Sources
Sleep
Mode
clkCPU clkFLASH clkIO clkADC clkASY
Main Clock
Source Enabled
Timer Osc.
Enabled
INT2
INT1
INT0
TWI
Address
Match
Timer
2
SPM /
EEPROM
Ready
ADC
Other
I/O
Idle
X
X
X
X
X
(2)
XX
X
X
X
X
ADC
Noise
Redu-
ction
XX
X
X
(2)
X
(3)
XX
X
X
Power
Down
X
(3)
X
Power
Save
X
(2)
X
(2)
X
(3)
XX
(2)
Standby
(1)
XX
(3)
X
Exten-
ded
Standby
(1)
X
(2)
XX
(2)
X
(3)
XX
(2)


Similar Part No. - ATMEGA16-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16-16AI ATMEL-ATMEGA16-16AI Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA16-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
   8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com