Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM6903IZ Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM6903IZ
Description  Low Pin Count PFC/PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6903IZ Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM6903IZ Datasheet HTML 1Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 2Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 3Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 4Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 5Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 6Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 7Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 8Page - Champion Microelectronic Corp. CM6903IZ Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CM6903/4
Low Pin Count PFC/PWM CONTROLLER COMBO
2002/12/16
Preliminary Rev. 0.4
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 52.3kΩ, CT = 470pF, TA=Operating Temperature Range (Note 1)
CM6903/4
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PFC OVP Comparator
Threshold Voltage
2.70
2.77
2.85
V
Hysteresis
230
290
mV
PFC ILIMIT Comparator
Threshold Voltage
-0.9
-1
-1.15
V
Delay to Output
150
300
ns
VIN OK Comparator
Threshold Voltage
2.35
2.45
2.55
V
Hysteresis
1.65
1.75
1.85
V
PWM Digital Soft Start
Right After Start Up (CM6903)
10
ms
Digital Soft Start Timer (Note 2)
Right After Start Up (CM6904)
5
ms
DC ILIMIT Comparator
Threshold Voltage
1.4
1.5
1.6
V
Delay to Output (Note 2)
150
300
ns
Tri-Fault Detect Comparator
Fault Detect HIGH
2.65
2.75
2.85
V
Time to Fault Detect HIGH
VFB=VFAULT DETECT LOW to VFB = OPEN,
470pF from VFB to GND
2
4
ms
Fault Detect LOW
0.4
0.5
0.6
V
Oscillator
Initial Accuracy
TA = 25℃
62
67
74
kHz
Voltage Stability
10V < VCC < 15V
1
%
Temperature Stability
2
%
Total Variation
Line, Temp
60
67
74.5
kHz
PFC Dead Time (Note 2)
0.3
0.45
0.65
µs
PFC
Minimum Duty Cycle
IAC=100uA,VFB=2.55V, ISENSE = 0V
0
%
Maximum Duty Cycle
IAC=0uA,VFB=2.0V, ISENSE = 0V
90
95
%
Output Low Impedance
8
15
ohm
IOUT = -100mA
0.8
1.5
V
Output Low Voltage
IOUT = -10mA, VCC = 8V
0.4
0.8
V
Output High Impendence
8
15
ohm
Output High Voltage
IOUT = 100mA, VCC = 15V
13.5
14.2
V
Rise/Fall Time (Note 2)
CL = 1000pF
50
ns


Similar Part No. - CM6903IZ

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AGIZ CHAMP-CM6903AGIZ Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903AIZ CHAMP-CM6903AIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6903IZ

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A_08 Datasheet
236Kb / 15P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com