Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2805 Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2805
Description  Private Network Solution (PNS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2805 Datasheet(HTML) 2 Page - Emcore Corporation

  2805_16 Datasheet HTML 1Page - Emcore Corporation 2805_16 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JULY 2014
FIBER OPTICS
| REV 2014.07
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Power Supply Voltage
-
120
240
VAC
Power Supply Frequency
50
60
-
Hz
Power Dissipation
-
20
-
Watts
Fuse Rating (Slow Blow)
1.25
A
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight
-
5.5
2.5
-
lbs
kg
Dimensions
-
19 x 1.72 x 12.1
483 x 43.7 x 307
-
in
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
-
+45
OC
Storage Temperature Range
-20
-
+70
OC
Relative Humidity
0
-
90
%
79 Channel Transmitter Part Numbers
Part Number (SC/APC
Optical Connector)
Part Number (FC/APC
Optical Connector)
Description
2805TD-SCSP/06
2805TD-SCAP/06
1 RU Transmitter, +6 dBm Optical Output Power
2805TD-SCSP/08
2805TD-SCAP/08
1 RU Transmitter, +8 dBm Optical Output Power
2805TE-SCSP/10
2805TE-SCAP/10
1 RU Transmitter, +10 dBm Optical Output Power
2805TF-SCSP/12
2805TF-SCAP/12
1 RU Transmitter, +12 dBm Optical Output Power
2805TG-SCSP/13
2805TG-SCAP/13
1 RU Transmitter, +13 dBm Optical Output Power
2805 79 Channel CATV
Private Network Solution (PNS)


Similar Part No. - 2805_16

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
280521-1 MACOM-280521-1 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
280521-2 MACOM-280521-2 Datasheet
156Kb / 1P
   AMPMODU II HEADER ASS, IES, STRAIGHT, DOUBLE ROW
280521-2 MACOM-280521-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
More results

Similar Description - 2805_16

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2805 EMCORE-2805 Datasheet
361Kb / 2P
   110 Channel CATV Private Network Solution (PNS)
2805TD-SCSP EMCORE-2805TD-SCSP_13 Datasheet
190Kb / 2P
   2805 110 Channel CATV Private Network Solution (PNS)
logo
PMC-Sierra, Inc
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
   SATURN User Network Interface ATM Layer Solution
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
   SATURN User Network Interface ATM Layer Solution
logo
List of Unclassifed Man...
NRF24AP2 ETC1-NRF24AP2 Datasheet
698Kb / 44P
   Single-chip ANT ultra-low power wireless network solution
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com