Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAS-152M Datasheet(PDF) 5 Page - HuaXinAn Electronics CO.,LTD

Part # HAS-152M
Description  Small capacitance and excellent insulation resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HAS-152M Datasheet(HTML) 5 Page - HuaXinAn Electronics CO.,LTD

  HAS-152M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD HAS-152M Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9 Mechanical Characteristics机构特性 :
试验项目
Test Item
试验方法
Test Method
结果
Result
拉力强度
(依据 JIS C0051)
Pull Strength (JIS C0051)
施加
2.5Kgf 之荷重于导线约 30 秒钟后,检测直流开始放电电压,
绝缘阻抗
,靜电容量及检查外观. (Apply 2.5 kgs load
approximately 30 seconds, then check for pull-out and breaking
of the lead wire.)
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
弯曲強度
(依据 JIS C0051)
Flexure Strength(JIS
C0051)
距离导线熔接点根部
3mm 处,使用曲率半径 0.75~0.80mm 之治
,与轴方向垂直角度,荷 0.25Kgf 弯曲后回复原状,反复 2 次后,
检测直流开始放电电压
,绝缘阻抗,靜电容量及检查外观.(Bend
the lead wire, with jig which radius is 0.75~0.8mm, at the point
of 3mm from the body, under 0.25 kgs load applied at the right
angle the direction of the amis and get the bent lead wire back
to its original poing after the procedure was repeated 2 times.)
满足各个特性之规格值
Within standard
mentioned in Initial
Characteristics.
10 Solder Characteristics 焊锡特性 :
试验项目
Test Item
试验方法
Test Method
结果
Result
焊锡附着性
(依据 JIS C0050 4.6 项)
Solderability (JIS
C0050,4.6)
将沾过助焊剂之导线,自距离导线熔接点根部
3mm 处起,浸于
265±5℃之焊锡液中 5 秒钟后,将导线之助焊剂洗净后,检查焊锡附
着情形
.(Apply flux and immerse in molten solder, up to the point
of 3mm from the body,for 5 sec. (265℃±5℃). Wash the leadwire and
check for soldering adhesion.)
導線須均勻附著
90%上.
(Lead wire is evenly
covered by solder over
90%.)
焊锡耐热性
(依据 JISC0051)
Solder Heat
(JIS C0051)
将沾过助焊剂之导线,自距离导线熔接点根部
2mm 处起,浸于
265±5℃之焊锡液中 10 秒钟后,检测直流开始放电电压,绝缘阻抗,靜电
容量及检查外观
. (Lead wire is dipped up to the point of
2mm from the body, into 265℃±5℃ solder.for 10±1 sec.And
measure the properties.)
满足各個特性之规格值
Within standard
mentioned in Initial
Characteristics.
11 Surge Characteristics 突波特性 :
试验项目
Test Item
试验方法
Test Method
结果
Result
突波寿命
(HAS)
Life(HAS)
(10X700)μsec-6KV 突波,变换极向各 5 次,(100X1000)μsec-1KV 之突波,变换极向各 5
,每隔 30 秒施加于试料 24 次后,检测直流开始放电电压,绝缘阻抗,靜电容量及检查外观
(Apply a standard impulse voltage (10X700)μsec)of 1KV for 5 times with intervals of 30
sec., and then change the polarity of the surge and apply a impulse again. And similarly,
apply a impulse voltage((100X1000)μsec) of 1KV. Total apply 24 times. Then measure
DC spark-over voltage, IR & Capacitance.)
直流开始放电电压
HAS
Vs/Vs≦30% (DC sparkover
volatage HAS:
Vs/Vs≦30%)
突波寿命
(HAS)
Life(HAS)
每间隔
10 秒施加 10KV 之电压于 1500PF 之电容器通过试料,做 200 次(Apply 10 KV
voltage charged in 1500pF condenser and apply the current to the specimen,200 times
at 10 seconds of intervals.)
绝缘阻抗和静电电容
:须满足规
定值 外观
:无影响使用之显著缺
(Insulation Resistance &
Capacitance to meet the
specified value.Appearance:
No cracks or failures .)
4
HUAAN LIMITED
www.huaandz.com


Similar Part No. - HAS-152M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HAS-1201 AD-HAS-1201 Datasheet
481Kb / 6P
   ANALOG TO DIGITAL CONVERTER
HAS-1201KM AD-HAS-1201KM Datasheet
481Kb / 6P
   ANALOG TO DIGITAL CONVERTER
HAS-1201MB AD-HAS-1201MB Datasheet
481Kb / 6P
   ANALOG TO DIGITAL CONVERTER
HAS-1201SM AD-HAS-1201SM Datasheet
481Kb / 6P
   ANALOG TO DIGITAL CONVERTER
HAS-1204 AD-HAS-1204 Datasheet
941Kb / 4P
   Ultra High-Speed 12-Bit A/D Converter
More results

Similar Description - HAS-152M

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HA37-141N HUAXINAN-HA37-141N Datasheet
335Kb / 7P
   Small capacitance and excellent insulation resistance
HAA-141N HUAXINAN-HAA-141N Datasheet
338Kb / 7P
   Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
   Small capacitance and excellent insulation resistance
logo
List of Unclassifed Man...
1347018 ETC2-1347018 Datasheet
92Kb / 2P
   CSPE - Chlorosulphonated Polyethylene insulation has excellent heat resistance
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
   Excellent slump resistance
GF1500 ETC2-GF1500 Datasheet
393Kb / 2P
   Excellent slump resistance
logo
Mercury United Electron...
45MQ30A MERCURY-45MQ30A Datasheet
98Kb / 1P
   Thin and light weight; excellent shock and vibration resistance
logo
STMicroelectronics
STW70N60M2 STMICROELECTRONICS-STW70N60M2 Datasheet
1Mb / 13P
   Excellent output capacitance
September 2014 Rev 4
logo
Golledge Electronics Lt...
MCSO6V GOLLEDGE-MCSO6V Datasheet
550Kb / 4P
   Excellent shock & vibration resistance
MCSOFW GOLLEDGE-MCSOFW Datasheet
549Kb / 4P
   Excellent shock & vibration resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com