Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U040-006-MINI Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U040-006-MINI
Description  USB 2.0 Hi-Speed Cable, USB 5-Pin Mini-B Male to USB Type-C (USB-C) Male, 6-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U040-006-MINI Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U040-006-MINI Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U040-006-MINI Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Cable, USB 5-Pin Mini-B Male to
USB Type-C (USB-C) Male, 6-ft.
MODEL NUMBER: U040-006-MINI
Description
Tripp Lite's U040-006-MINI 6-ft. USB 2.0 Hi-Speed cable connects devices with a 5-Pin Mini-B connector to the
USB Type-C (USB-C) port on your tablet, laptop, ultrabook or computer. The USB Type-C connector is
reversible, so there is no guessing on which way to plug it in...it connects in either direction! Backward compatible
- can be used with older USB1.1 applications as well. All Tripp Lite USB 2.0 cabling includes superior foil
shielding for reliable, error-free data communications. Features nickel plated connectors and gold plated copper
contacts for superior conductivity. The cable is manufactured with molded connectors and integral strain relief for
extra durability and long life.
Features
6-ft. USB 2.0 5-Pin Mini-B Male to USB Type-C (USB-C) Male cable
USB Type-C connector is reversible, so there is no guessing on which way to plug it in.....it connects in either
direction!
Supports USB 2.0 data transfer rates up to 480Mbps
Backward compatible with previous USB generations
Gold plated contacts and molded ends provide a lifetime of use
28AWG Data Pair / 20AWG Power pair; Supports 500mA current
Specifications
OVERVIEW
Cable Type
USB
INPUT
Highlights
6-ft. USB 2.0 5-Pin Mini-B Male
to USB Type-C (USB-C) Male
cable
USB Type-C connector is
reversible, so there is no
guessing on which way to plug it
in
Supports USB 2.0 data transfer
rates up to 480Mbps
System Requirements
A device with a 5-Pin Mini-B
connector
A tablet, laptop, ultrabook or
computer with a USB Type-C
(USB-C) port
If using this cable with a USB
charging product, use only USB
chargers that provide Over
Current Protection. Over Current
Protection is a requirement for a
USB Charger to be UL certified,
and therefore a standard feature;
however, if you have a USB
Charging product that does not
have Over Current Protection, it
is possible that the device you
are charging will seek to pull
more power than the charger can
provide, causing damage to the
charger.
Package Includes
USB 2.0 5-Pin Mini-B Male to
USB Type-C (USB-C) Male
Cable - 6-ft.
1 / 2


Similar Part No. - U040-006-MINI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
   USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
More results

Similar Description - U040-006-MINI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
   USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
   USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
   USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
   USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
   USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
   USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
List of Unclassifed Man...
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
Wurth Elektronik GmbH &...
632910731611 WURTH-632910731611 Datasheet
368Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
List of Unclassifed Man...
USBCM302M0USBBMMWHR ETC-USBCM302M0USBBMMWHR Datasheet
372Kb / 6P
   USB TYPE B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
USBCM301M0USBBMMWHR ETC-USBCM301M0USBBMMWHR Datasheet
372Kb / 6P
   USB TYPE B SUPER SPEED to USB C MALE 3.0, GT Cable
08/23/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com