Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

860130873005 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 860130873005
Description  WCAP-ATET Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

860130873005 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  860130873005 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 860130873005 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 860130873005 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 860130873005 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 860130873005 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 860130873005 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 860130873005 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ATET Aluminum Electrolytic
Capacitors
Order.- No.
860130873005
SIZE
A4
Size: 6.3 x 11.0
1.16 Emergency Case
In case of excessive pressure within the capacitor the vent may operate and release this pressure. In case of vent operation gas becomes visi-
ble, when the component is in operation. If so, directly turn off the application and disconnect it from the power source. If the application will
not be turned off, a possible short circuit of capacitor or a short circuit due to bridging of liquefied gas can possibly damage the circuit and in
worst case the application may be dramatically damaged.
Do not stay or position body or face above or in direction of the vent, because in the event of any vent operation, the releasing gas temperature
may have over 100 °C.
In case of contact with the electrolyte on skin, wash the skin immediately with soap and water. If the eyes will get in contact with the releasing
gas, immediately wash the eyes with water. Whether the gas was inhaled, directly use gargle.
1.17 Disposal
Please contact your local responsible or organization for proper disposal of capacitor.
Also take care to be compliant in order to your local governmental law and restrictions. In case incineration, it should be done with more than
800 °C. Lower temperatures at incineration can result in toxic gases (e.g. chlorine). To avoid any explosion of capacitor, punch holes into the
can or crush the capacitor before incineration.
I Cautions and Warnings (3):
The following conditions apply to all goods within the product series of WCAP-ATET
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 860130873005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860130873001 WURTH-860130873001 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130873002 WURTH-860130873002 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130873003 WURTH-860130873003 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130873004 WURTH-860130873004 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
More results

Similar Description - 860130873005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860130375005 WURTH-860130375005 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130473001 WURTH-860130473001 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130378009 WURTH-860130378009 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
860130575005 WURTH-860130575005 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130874006 WURTH-860130874006 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130678008 WURTH-860130678008 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130275005 WURTH-860130275005 Datasheet
487Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130675005 WURTH-860130675005 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130375006 WURTH-860130375006 Datasheet
485Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130375008 WURTH-860130375008 Datasheet
485Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
860130574002 WURTH-860130574002 Datasheet
486Kb / 7P
   WCAP-ATET Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com