Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3059 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CA3059
Description  Zero Voltage Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CA3059 Datasheet(HTML) 2 Page - ON Semiconductor

  CA3059 Datasheet HTML 1Page - ON Semiconductor CA3059 Datasheet HTML 2Page - ON Semiconductor CA3059 Datasheet HTML 3Page - ON Semiconductor CA3059 Datasheet HTML 4Page - ON Semiconductor CA3059 Datasheet HTML 5Page - ON Semiconductor CA3059 Datasheet HTML 6Page - ON Semiconductor CA3059 Datasheet HTML 7Page - ON Semiconductor CA3059 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CA3059
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC
Vdc
(Between Pins 2 and 7)
12
DC Supply Voltage
VCC
Vdc
(Between Pins 2 and 8)
12
Peak Supply Current (Pins 5 and 7)
I5,7
± 50
mA
Fail–Safe Input Current (Pin 14)
I14
2.0
mA
Output Pulse Current (Pin 4) (Note 1)
Iout
150
mA
Junction Temperature
TJ
150
°C
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Operation @ 120 Vrms, 50–60 Hz, TA = 25°C [Note 2])
Characteristic
Figure
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
2
VS
Vdc
Inhibit Mode
RS = 10 k, IL = 0
6.1
6.5
7.0
RS = 5.0 k, IL = 2.0 mA
6.1
Pulse Mode
RS = 10 k, IL = 0
6.0
6.4
7.0
RS = 5.0 k, RL = 2.0 mA
6.2
Gate Trigger Current
3
IGT
160
mA
(VGT = 1.0 V, Pins 3 and 2 connected)
Peak Output Current, Pulsed
3
IOM
mA
With Internal Power Supply, VGT = 0
Pin 3 Open
50
125
Pins 3 and 2 Connected
90
190
With External Power Supply, VCC = 12 V, VGT = 0
4
Pin 3 Open
230
Pins 3 and 2 Connected
300
Inhibit Input Ratio
5
V9/V2
0.465
0.485
0.520
(Ratio of Voltage @ Pin 9 to Pin 2)
Total Gate Pulse Duration (CExt = 0)
6
µs
Positive dv/dt
tp
70
100
140
Negative dv/dt
tn
70
100
140
Pulse Duration After Zero Crossing
6
µs
(CExt = 0, RExt = R)
Positive dv/dt
tp1
50
Negative dv/dt
tn1
60
Output Leakage Current Inhibit Mode (Note 3)
3
I4
0.001
10
µA
Input Bias Current
7
IIB
0.15
1.0
µA
Common Mode Input Voltage Range
VCMR
1.4 to 5.0
Vdc
Co
o
ode
u
o age
a ge
(Pins 9 and 13 Connected)
Inhibit Input Voltage
8
V1
1.4
1.6
Vdc
External Trigger Voltage
V6–V4
1.4
Vdc
NOTES: 1. Care must be taken, especially when using an external power supply, that total package dissipation is not exceeded.
2. The values given in the Electrical Characteristics Table at 120 V also apply for operation at input voltages of 24 V, 208/230 V, and 277 V, except for
Pulse Duration test. However, the series resistor (RS) must have the indicated value, shown in Table A for the specified input voltage.
3. I4 out of Pin 4, 2.0 V on Pin 1, S1 position 2.


Similar Part No. - CA3059

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Intersil Corporation
CA3059 INTERSIL-CA3059 Datasheet
811Kb / 12P
   Zero-Voltage Switches for 50Hz-60Hz and 400Hz Thyristor Control Applications
Oct 1999
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
logo
List of Unclassifed Man...
CA3059 ETC2-CA3059 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA3059

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
August, 2001 ??Rev. 1
logo
Unisonic Technologies
A2804 UTC-A2804_15 Datasheet
245Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804_12 Datasheet
131Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804_05 Datasheet
111Kb / 5P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com