Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9564 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9564 Datasheet HTML 1Page - NXP Semiconductors PCA9564 Datasheet HTML 2Page - NXP Semiconductors PCA9564 Datasheet HTML 3Page - NXP Semiconductors PCA9564 Datasheet HTML 4Page - NXP Semiconductors PCA9564 Datasheet HTML 5Page - NXP Semiconductors PCA9564 Datasheet HTML 6Page - NXP Semiconductors PCA9564 Datasheet HTML 7Page - NXP Semiconductors PCA9564 Datasheet HTML 8Page - NXP Semiconductors PCA9564 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Philips Semiconductors
Product data
PCA9564
Parallel bus to I2C-bus controller
2
2003 Apr 02
FEATURES
Parallel-bus to I2C-bus protocol converter and interface
Both master and slave functions
Multi-master capability
Internal oscillator reduces external components
Operating supply voltage 2.3 V to 3.6 V
5 V tolerant I/Os
Standard and fast mode I2C capable and compatible with SMBus
ESD protection exceeds 2000 V HEM per JESD22-A114, 200 V
MM per JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which
exceed 100 mA.
Packages offered: SO20, TSSOP20, HVQFN20
APPLICATIONS
Add I2C bus port to controllers/processors that don’t have one
Add additional I2C bus ports to controllers/processors that need
multiple I2C bus ports
Higher frequency, lower voltage migration path for the PCF8584
Converts 8 bits of parallel data to serial data stream to prevent
having to run a large number of traces across the entire PC board
DESCRIPTION
The PCA9564 is an integrated circuit designed in CMOS technology
that serves as an interface between most standard parallel-bus
microcontrollers/microprocessors and the serial I2C-bus and allows
the parallel bus system to communicate bi-directionally with the
I2C-bus. The PCA9564 can operate as a master or a slave and can
be a transmitter or receiver. Communication with the I2C-bus is
carried out on a byte-wise basis using interrupt or polled handshake.
The PCA9564 controls all the I2C-bus specific sequences, protocol,
arbitration and timing with no external timing element required.
The PCA9564 is similar to the PCF8584 but operates at lower
voltages and higher I
@C frequencies. Other enhancements
requested by design engineers have also been incorporated.
Characteristic
PCA9564
PCF8584
Comments
Voltage range
2.3-3.6 V
4.5-5.5 V
PCA9564 is 5 V
tolerant
Maximum
master mode
I2C frequency
360 kHz
90 kHz
Faster I2C interface
Maximum slave
mode I2C
frequency
400 kHz
100 kHz
Faster I2C interface
Clock source
Internal
External
Less expensive and
more flexible with
internal oscillator
Parallel
interface
Fast
50 MHz
Slow
Compatible with
faster processors
While the PCF8584 supported most parallel-bus microcontrollers/
microprocessors including the Intel 8049/8051, Motorola
6800/68000 and the Zilog Z80, the PCA9564 has been designed to
be very similar to the Philips standard 80C51 microcontroller I2C
hardware so the devices are not code compatible. Additionally, the
PCA9564 does not support the bus monitor “Snoop” mode nor the
long distance mode and is not foot print compatible with the
PCF8584.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
20-Pin Plastic SO
-40 to +85
°C
PCA9564D
PCA9564D
SOT163-1
20-Pin Plastic TSSOP
-40 to +85
°C
PCA9564PW
PCA9564
SOT360-1
20-Pin Plastic HVQFN
-40 to +85
°C
PCA9564BS
9564
SOT662-1
Standard packing quantities and other packaging data are available at www.philipslogic.com/packaging.


Similar Part No. - PCA9564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 NXP-PCA9564 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9564 NXP-PCA9564 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564BS PHILIPS-PCA9564BS Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564BS NXP-PCA9564BS Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results

Similar Description - PCA9564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9665 PHILIPS-PCA9665 Datasheet
419Kb / 91P
   Fm parallel bus to I2C-bus controller
Rev. 02-7 December 2006
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
   Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com