Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAL22V10 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PAL22V10
Description  Reprogrammable CMOS PAL Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PAL22V10 Datasheet(HTML) 1 Page - Cypress Semiconductor

  PAL22V10 Datasheet HTML 1Page - Cypress Semiconductor PAL22V10 Datasheet HTML 2Page - Cypress Semiconductor PAL22V10 Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reprogrammable CMOS
PAL® Device
PALC22V10
This is an abbreviated data sheet. Contact a Cypress
representative for complete specifications.
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-03052 Rev. *A
Revised April 9, 2004
Features
• Advanced second-generation PAL® architecture
•Low power
— 55 mA max. “L”
— 90 mA max. standard
— 120 mA max. military
• CMOS EPROM technology for reprogrammability
• Variable product terms
— 2 x (8 through 16) product terms
• User-programmable macrocell
— Output polarity control
— Individually selectable for registered or
combinatorial operation
• 20, 25, 35 ns commercial and industrial
• 25, 30, 40 ns military
• Up to 22 input terms and 10 outputs
• High reliability
— Proven EPROM technology
— 100% programming and functional testing
• Windowed DIP, windowed LCC, DIP, LCC, and PLCC
available
Functional Description
The Cypress PALC22V10 is a CMOS second-generation
programmable logic array device. It is implemented with the
familiar sum-of-products (AND-OR) logic structure and a
new concept, the “programmable macrocell.”
Logic Block Diagram (PDIP/CDIP)
Pin Configuration
LCC/PLCC
Top View
Macrocell
8
10
12
14
16
16
14
12
10
8
11
10
98
7
6
5
4
32
1
12
13
14
15
16
17
18
19
20
21
22
23
24
Preset
PROGRAMMABLE
AND ARRAY
(132 X 44)
I
I
II
I
I
I
III
CP/I
VSS
II/O9
I/O8
I/O 7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
VCC
Reset
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
5
6
7
8
9
10
11
4 3 2
282726
12131415161718
25
24
23
22
21
20
19
I/O
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
I
2
3
4
5
6
7
1
NC
NC


Similar Part No. - PAL22V10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAL22V10 TI-PAL22V10 Datasheet
147Kb / 17P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PROGRAMMABLE ARRAY LOGIC CIRCUITS
PAL22V10Z-25C TI-PAL22V10Z-25C Datasheet
202Kb / 22P
[Old version datasheet]   EPICE CMOS PROGRAMMABLE ARRAY LOGIC CIRCUITS
PAL22V10Z-25CJTL TI-PAL22V10Z-25CJTL Datasheet
202Kb / 22P
[Old version datasheet]   EPICE CMOS PROGRAMMABLE ARRAY LOGIC CIRCUITS
PAL22V10Z-30I TI-PAL22V10Z-30I Datasheet
202Kb / 22P
[Old version datasheet]   EPICE CMOS PROGRAMMABLE ARRAY LOGIC CIRCUITS
More results

Similar Description - PAL22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10L-25PC CYPRESS-PALC22V10L-25PC Datasheet
1Mb / 15P
   Reprogrammable CMOS PAL짰 Device
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
   Reprogrammable Asynchronous CMOS Logic Device
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com