Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL084CDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL084CDRG4
Description  JFET-Input Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL084CDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TL084CDRG4 Datasheet HTML 1Page - Texas Instruments TL084CDRG4 Datasheet HTML 2Page - Texas Instruments TL084CDRG4 Datasheet HTML 3Page - Texas Instruments TL084CDRG4 Datasheet HTML 4Page - Texas Instruments TL084CDRG4 Datasheet HTML 5Page - Texas Instruments TL084CDRG4 Datasheet HTML 6Page - Texas Instruments TL084CDRG4 Datasheet HTML 7Page - Texas Instruments TL084CDRG4 Datasheet HTML 8Page - Texas Instruments TL084CDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
TL081, TL081A, TL081B, TL082, TL082A
TL082B, TL084, TL084A, TL084B
www.ti.com
SLOS081I – FEBRUARY 1977 – REVISED MAY 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC+
18
Supply voltage(2)
V
VCC–
–18
VID
Differential input voltage(3)
±30
V
VI
Input voltage(2)(4)
±15
V
Duration of output short circuit(5)
Unlimited
Continuous total power dissipation
See Dissipation Rating Table
TL08_C
TL08_AC
0
70
TL08_BC
TA
Operating free-air temperature
°C
TL08_I
–40
85
TL084Q
–40
125
TL08_M
–55
125
Operating virtual junction temperature
150
°C
TC
Case temperature for 60 seconds
FK package
TL08_M
260
°C
Lead temperature 1,6 mm (1/16
J or JG package
TL08_M
300
°C
inch) from case for 10 seconds
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−.
(3)
Differential voltages are at IN+, with respect to IN
−.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
(5)
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC–
Supply voltage
–5
–15
V
VCM
Common-mode voltage
VCC– + 4
VCC+ – 4
V
TL08xM
–55
125
TL08xQ
–40
125
TA
Ambient temperature
°C
TL08xI
–40
85
TL08xC
0
70
Copyright © 1977–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B


Similar Part No. - TL084CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL084CDRG4 TI-TL084CDRG4 Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CDRG4 TI-TL084CDRG4 Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
TL084CDRG4 TI-TL084CDRG4 Datasheet
949Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CDRG4 TI-TL084CDRG4 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084CDRG4 TI-TL084CDRG4 Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
More results

Similar Description - TL084CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com