Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL974IDG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL974IDG4
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL974IDG4 Datasheet(HTML) 4 Page - Texas Instruments

  TL974IDG4 Datasheet HTML 1Page - Texas Instruments TL974IDG4 Datasheet HTML 2Page - Texas Instruments TL974IDG4 Datasheet HTML 3Page - Texas Instruments TL974IDG4 Datasheet HTML 4Page - Texas Instruments TL974IDG4 Datasheet HTML 5Page - Texas Instruments TL974IDG4 Datasheet HTML 6Page - Texas Instruments TL974IDG4 Datasheet HTML 7Page - Texas Instruments TL974IDG4 Datasheet HTML 8Page - Texas Instruments TL974IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TL971, TL972, TL974
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
2.7
15
V
VID
Differential input voltage(2)
±1 V
V
VIN
Input voltage range(3)
VCC– – 0.3
VCC+ + 0.3
V
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Differential voltages for the noninverting input terminal are with respect to the inverting input terminal.
(3)
The input and output voltages must never exceed VCC + 0.3 V.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
2.7
12
V
VICM
Common-mode input voltage
VCC– + 1.15
VCC+ – 1.15
V
TA
Operating free-air temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TL971
TL972
TL974
D(2)
DBV(2)
D(2)
DGK(3)
DRG(3)
P(2)
PW(2)
D(2)
N(2)
PW(2)
UNIT
8 PINS
5 PINS
8 PINS
14 PINS
Package
thermal
RθJA
impedance,
97
206
97
172
44
85
149
86
80
113
°C/W
junction to
free air
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
(2)
Package thermal impedance is calculated in accordance with JESD 51-7.
(3)
Package thermal impedance is calculated in accordance with JESD 51-5.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TL971 TL972 TL974


Similar Part No. - TL974IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL974IDG4 TI-TL974IDG4 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL974IDG4 TI-TL974IDG4 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL974IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com