Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558IPWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558IPWR
Description  Dual General-Purpose Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC4558IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button RC4558IPWR Datasheet HTML 3Page - Texas Instruments RC4558IPWR Datasheet HTML 4Page - Texas Instruments RC4558IPWR Datasheet HTML 5Page - Texas Instruments RC4558IPWR Datasheet HTML 6Page - Texas Instruments RC4558IPWR Datasheet HTML 7Page - Texas Instruments RC4558IPWR Datasheet HTML 8Page - Texas Instruments RC4558IPWR Datasheet HTML 9Page - Texas Instruments RC4558IPWR Datasheet HTML 10Page - Texas Instruments RC4558IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
100
110
120
130
140
150
160
170
180
190
200
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
-14
-13.75
-13.5
-13.25
-13
-12.75
-12.5
-12.25
-12
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
0
10
20
30
40
50
60
70
80
90
100
110
120
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
f – Frequency – Hz
100
1k
10k
100k
1M
10M
12
14
16
18
20
22
24
26
28
30
32
100
1000
10000
Rload – Load Resistance –
R – Load Resistance –
L
W
13
13.25
13.5
13.75
14
14.25
14.5
14.75
15
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
RC4558
www.ti.com
SLOS073G – MARCH 1976 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 8. Output Voltage Swing vs Temperature
Figure 7. Output Voltage Swing vs Load Resistance
(VCC = ±15 V, RL = 10 kΩ)
(VCC = ±15 V, TA = 25°C)
Figure 9. Negative Output Voltage Swing vs Temperature
Figure 10. Open Loop Gain vs Frequency
(VCC = ±15 V, RL = 10 kΩ)
(VCC = ±15 V, RL = 2 kΩ, CL = 22 pF, TA = 25°C)
Figure 11. Input Bias Current vs Temperature
Figure 12. Input Offset Voltage vs Temperature
(VCC = ±15 V)
(VCC = ±15 V)
Copyright © 1976–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: RC4558


Similar Part No. - RC4558IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558IPWR TI-RC4558IPWR Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558IPWR TI-RC4558IPWR Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPWR TI-RC4558IPWR Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPWRE4 TI-RC4558IPWRE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPWRE4 TI-RC4558IPWRE4 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558IPWR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com