Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL972IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IPWR
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL972IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL972IPWR Datasheet HTML 5Page - Texas Instruments TL972IPWR Datasheet HTML 6Page - Texas Instruments TL972IPWR Datasheet HTML 7Page - Texas Instruments TL972IPWR Datasheet HTML 8Page - Texas Instruments TL972IPWR Datasheet HTML 9Page - Texas Instruments TL972IPWR Datasheet HTML 10Page - Texas Instruments TL972IPWR Datasheet HTML 11Page - Texas Instruments TL972IPWR Datasheet HTML 12Page - Texas Instruments TL972IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
VCC±
VCC+
IN±
IN+
OUT
1.4 mA
TL971, TL972, TL974
www.ti.com
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The TL97x family of operational amplifiers operates at voltages as low as ±1.35 V and features output rail-to-rail
signal swing. The TL97x boast characteristics that make them particularly well suited for portable and battery-
supplied equipment. Very low noise and low distortion characteristics make them ideal for audio preamplification.
The TL97x family comes in single, dual, and quad operational amplifier packages of varying sizes.
The TL971 is housed in the space-saving 5-pin SOT-23 package, which simplifies board design because of the
ability to be placed anywhere (outside dimensions are 2.8 mm × 2.9 mm).
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Slew Rate
The slew rate is the rate at which an operational amplifier can change its output when there is a change on the
input. The TL97x devices have a 5 V/
μs slew rate.
8.3.2 Unity-Gain Bandwidth
The unity-gain bandwidth is the frequency up to which an amplifier with a unity gain may be operated without
greatly distorting the signal. The TL97x devices have a 12-MHz unity-gain bandwidth.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TL971 TL972 TL974


Similar Part No. - TL972IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL972IPWR TI-TL972IPWR Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPWR TI-TL972IPWR Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL972IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com