Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL972IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL972IPWR
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL972IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL972IPWR Datasheet HTML 2Page - Texas Instruments TL972IPWR Datasheet HTML 3Page - Texas Instruments TL972IPWR Datasheet HTML 4Page - Texas Instruments TL972IPWR Datasheet HTML 5Page - Texas Instruments TL972IPWR Datasheet HTML 6Page - Texas Instruments TL972IPWR Datasheet HTML 7Page - Texas Instruments TL972IPWR Datasheet HTML 8Page - Texas Instruments TL972IPWR Datasheet HTML 9Page - Texas Instruments TL972IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0
4
8
12
16
20
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Output Current – mA
0
4
8
12
16
20
24
28
32
2
4
6
8
10
12
14
Supply Voltage – V
CL = 30 pF
CL = 130 pF
CL = 250 pF
0.0001
0.001
0.01
0.1
1
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Voltage – Vrms
VCC = 5 V
f = 1 kHz
Gain = -1 V/V
RL = 2 k
RL = 10 k
k
k
1
10
100
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
VCC = 10 V
RS = 100 ©
AV = 40 dB
10
100
1k
10k
100k
0.0001
0.001
0.01
0.1
1
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency – Hz
VCC = 5 V
VIN = 1 Vrms
Gain = -1 V/V
RL = 2 k◊
RL = 10 k◊
k
k
10
100
1k
10k
100k
0.001
0.01
0.1
1
0
0.25
0.5
0.75
1
1.25
1.5
Output Voltage – Vrms
VCC = 2.7 V
f = 1 kHz
Gain = -1 V/V
RL = 2 k
RL = 10 k
k
k
TL971, TL972, TL974
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Figure 3. Total Harmonic Distortion vs Frequency
Figure 4. Total Harmonic Distortion + Noise vs Output
Voltage
Figure 6. Input Voltage Noise vs Frequency
Figure 5. Total Harmonic Distortion + Noise vs Output
Voltage
Figure 8. Gain Bandwidth Product vs Supply Voltage
Figure 7. Gain Bandwidth Product vs Output Current
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TL971 TL972 TL974


Similar Part No. - TL972IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL972IPWR TI-TL972IPWR Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPWR TI-TL972IPWR Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL972IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com