Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558IPW
Description  Dual General-Purpose Operational Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC4558IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button RC4558IPW Datasheet HTML 6Page - Texas Instruments RC4558IPW Datasheet HTML 7Page - Texas Instruments RC4558IPW Datasheet HTML 8Page - Texas Instruments RC4558IPW Datasheet HTML 9Page - Texas Instruments RC4558IPW Datasheet HTML 10Page - Texas Instruments RC4558IPW Datasheet HTML 11Page - Texas Instruments RC4558IPW Datasheet HTML 12Page - Texas Instruments RC4558IPW Datasheet HTML 13Page - Texas Instruments RC4558IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
R3
R1
R2
R4
15 V
VREF
12 V
+
+
VIN
+
VDIFF
±
VOUT-
VOUT+
RC4558
SLOS073G – MARCH 1976 – REVISED OCTOBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Typical Application
Some applications require differential signals. Figure 14 shows a simple circuit to convert a single-ended input of
2 V to 10 V into differential output of ±8 V on a single 15-V supply. The output range is intentionally limited to
maximize linearity. The circuit is composed of two amplifiers. One amplifier acts as a buffer and creates a
voltage, VOUT+. The second amplifier inverts the input and adds a reference voltage to generate VOUT–. Both
VOUT+ and VOUT– range from 2 V to 10 V. The difference, VDIFF, is the difference between VOUT+ and VOUT–.
Figure 14. Schematic for Single-Ended Input to Differential Output Conversion
10
Submit Documentation Feedback
Copyright © 1976–2014, Texas Instruments Incorporated
Product Folder Links: RC4558


Similar Part No. - RC4558IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558IPW TI-RC4558IPW Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558IPW TI-RC4558IPW Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPW TI-RC4558IPW Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPWE4 TI-RC4558IPWE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558IPWE4 TI-RC4558IPWE4 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558IPW

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com