Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL971ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL971ID
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL971ID Datasheet(HTML) 5 Page - Texas Instruments

  TL971ID Datasheet HTML 1Page - Texas Instruments TL971ID Datasheet HTML 2Page - Texas Instruments TL971ID Datasheet HTML 3Page - Texas Instruments TL971ID Datasheet HTML 4Page - Texas Instruments TL971ID Datasheet HTML 5Page - Texas Instruments TL971ID Datasheet HTML 6Page - Texas Instruments TL971ID Datasheet HTML 7Page - Texas Instruments TL971ID Datasheet HTML 8Page - Texas Instruments TL971ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
-40
-30
-20
-10
0
10
20
30
40
50
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
f – Frequency – Hz
-200
-160
-120
-80
-40
0
40
80
120
160
200
VCC = 2.7 V
RL = 10 k©
CL = 100 pF
M = 63.7°
fO = 8.4 MHz
Φ
M
1k
10k
100k
1M
10M
100M
k
-40
-30
-20
-10
0
10
20
30
40
50
60
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
f – Frequency – Hz
-200
-160
-120
-80
-40
0
40
80
120
160
200
VCC = 5 V
RL = 10 k©
CL = 100 pF
M = 64.4°
fO = 17.3 MHz
Φ
1k
10k
100k
1M
10M
100M
k
TL971, TL972, TL974
www.ti.com
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
7.5 Electrical Characteristics
VCC+ = 2.5 V, VCC– = –2.5 V, full-range TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
1
4
VIO
Input offset voltage
mV
Full range
6
αVIO
Input offset voltage drift
VICM = 0 V, VO = 0 V
25°C
5
μV/°C
IIO
Input offset current
VICM = 0 V, VO = 0 V
25°C
10
150
nA
25°C
200
750
IIB
Input bias current
VICM = 0 V, VO = 0 V
nA
Full range
1000
VICM
Common-mode input voltage
25°C
–1.35
1.35
V
CMRR
Common-mode rejection ratio
VICM = ±1.35 V
25°C
60
85
dB
SVR
Supply-voltage rejection ratio
VCC = ±2 V to ±3 V
25°C
60
70
dB
AVD
Large-signal voltage gain
RL = 2 kΩ
25°C
70
80
dB
VOH
High-level output voltage
RL = 2 kΩ
25°C
2
2.4
V
VOL
Low-level output voltage
RL = 2 kΩ
25°C
–2.4
–2
V
25°C
1.2
1.4
Isource
Output source current
mA
VOUT = ±2.5 V
Full range
1
25°C
50
80
Isink
Output sink current
mA
VOUT = ±2.5 V
Full range
25
25°C
2
2.8
ICC
Supply current (per amplifier)
Unity gain, No load
mA
Full range
3.2
GBWP
Gain bandwidth product
f = 100 kHz, RL = 2 kΩ, CL = 100 pF
25°C
8.5
12
MHz
25°C
2.8
5
SR
Slew rate
AV = 1, VIN = ±1 V
V/
μs
Full range
2.8
Φm
Phase margin at unity gain
RL = 2 kΩ, CL =100 pF
25°C
60
°
Gm
Gain margin
RL = 2 kΩ, CL =100 pF
25°C
10
dB
Vn
Equivalent input noise voltage
f = 100 kHz
25°C
4
nV/
√Hz
THD
Total harmonic distortion
f = 1 kHz, Av = –1, RL = 10 kΩ
25°C
0.003
%
7.6 Typical Characteristics
Figure 2. Gain And Phase vs Frequency
Figure 1. Gain And Phase vs Frequency
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL971 TL972 TL974


Similar Part No. - TL971ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971ID TI-TL971ID Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971ID TI-TL971ID Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971IDBVR TI-TL971IDBVR Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971IDBVR TI-TL971IDBVR Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971IDBVT TI-TL971IDBVT Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL971ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com