Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931-N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV931-N
Description  Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931-N Datasheet(HTML) 5 Page - Texas Instruments

  LMV931-N Datasheet HTML 1Page - Texas Instruments LMV931-N Datasheet HTML 2Page - Texas Instruments LMV931-N Datasheet HTML 3Page - Texas Instruments LMV931-N Datasheet HTML 4Page - Texas Instruments LMV931-N Datasheet HTML 5Page - Texas Instruments LMV931-N Datasheet HTML 6Page - Texas Instruments LMV931-N Datasheet HTML 7Page - Texas Instruments LMV931-N Datasheet HTML 8Page - Texas Instruments LMV931-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LMV931-N, LMV931-N-Q1
LMV932-N, LMV932-N-Q1, LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993O – NOVEMBER 2001 – REVISED DECEMBER 2014
6.6 DC Electrical Characteristics 1.8 V
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 1.8 V, V = 0 V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
LMV931 (Single)
25°C
1
4
mV
Full Range
6
VOS
Input Offset Voltage
LMV932 (Dual),
25°C
1
5.5
mV
LMV934 (Quad)
Full Range
7.5
TCVOS
Input Offset Voltage
Full Range
5.5
μV/°C
Average Drift
IB
Input Bias Current
25°C
15
35
nA
Full Range
50
IOS
Input Offset Current
25°C
13
25
nA
Full Range
40
IS
Supply Current (per channel)
25°C
103
185
μA
Full Range
205
CMRR
Common-Mode Rejection Ratio
LMV931, 0
≤ VCM ≤ 0.6 V
25°C
60
78
dB
1.4 V
≤ VCM ≤ 1.8 V
(2)
Full Range
55
LMV932 and LMV934
25°C
55
76
0
≤ VCM ≤ 0.6 V
dB
Full Range
50
1.4 V
≤ VCM ≤ 1.8 V
(2)
−0.2 V ≤ VCM ≤ 0 V
25°C
50
72
dB
1.8 V
≤ VCM ≤ 2.0 V
PSRR
Power Supply Rejection Ratio
1.8 V
≤ V+ ≤ 5 V
25°C
75
100
dB
Full Range
70
CMVR
Input Common-Mode Voltage
For CMRR Range
≥ 50dB
25°C
V
− 0.2
V+ + 0.2
−0.2
Range
−40°C to 85°C
V
to
V+
V
2.1
125°C
V+ 0.2
V+
− 0.2
RL = 600 Ω to 0.9 V,
25°C
77
101
VO = 0.2 V to 1.6 V,
dB
Full Range
Large Signal Voltage Gain
73
VCM = 0.5 V
LMV931-N (Single)
RL = 2 kΩ to 0.9 V,
25°C
80
105
LMV931-N-Q1 (Single)
VO = 0.2 V to 1.6 V,
dB
Full Range
75
VCM = 0.5 V
AV
RL = 600 Ω to 0.9 V,
25°C
75
90
Large Signal Voltage Gain
VO = 0.2 V to 1.6 V,
dB
Full Range
LMV932-N (Dual)
72
VCM = 0.5 V
LMV932-N-Q1 (Dual)
RL = 2 kΩ to 0.9 V,
25°C
78
100
LMV934-N (Quad)
VO = 0.2 V to 1.6 V,
dB
LMV934-N-Q1 (Quad)
Full Range
75
VCM = 0.5 V
RL = 600 Ω to 0.9 V
25°C
1.65
1.72
VIN = ±100 mV
0.077
0.105
V
Full Range
1.63
0.120
VO
Output Swing
RL = 2 kΩ to 0.9 V
25°C
1.75
1.77
VIN = ±100 mV
0.024
0.035
V
Full Range
1.74
0.04
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration.
(2)
For specified temperature ranges, see the CMVR parameter in DC Electrical Characteristics 1.8 V for the input common-mode voltage
specifications.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Similar Part No. - LMV931-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV931-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com