Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV721M5X Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV721M5X
Description  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV721M5X Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV721M5X Datasheet HTML 7Page - Texas Instruments LMV721M5X Datasheet HTML 8Page - Texas Instruments LMV721M5X Datasheet HTML 9Page - Texas Instruments LMV721M5X Datasheet HTML 10Page - Texas Instruments LMV721M5X Datasheet HTML 11Page - Texas Instruments LMV721M5X Datasheet HTML 12Page - Texas Instruments LMV721M5X Datasheet HTML 13Page - Texas Instruments LMV721M5X Datasheet HTML 14Page - Texas Instruments LMV721M5X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LMV721-N, LMV722-N
www.ti.com
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
TYPICAL SINGLE-SUPPLY APPLICATION CIRCUITS
Difference Amplifier
The difference amplifier allows the subtraction of two voltages or, as a special case, the cancellation of a signal
common to two inputs. It is useful as a computational amplifier, in making a differential to single-ended
conversion or in rejecting a common mode signal.
Figure 27. Difference Application
(1)
(2)
Instrumentation Circuits
The input impendance of the previous difference amplifier is set by the resistor R1, R2, R3 and R4. To eliminate
the problems of low input impendance, one way is to use a voltage follower ahead of each input as shown in the
following two instrumentation amplifiers.
Three-op-amp Instrumentation Amplifier
The LMV721-N/722 can be used to build a three-op-amp instrumentation amplifier as shown in Figure 28
Figure 28. Three-op-amp Instrumentation Amplifier
The first stage of this instrumentation amplifier is a differential-input, differential-output amplifier, with two voltage
followers. These two voltage followers assure that the input impedance is over 100M
Ω. The gain of this
instrumentation amplifier is set by the ratio of R2/R1. R3 should equal R1 and R4 equal R2. Matching of R3 to R1
and R4 to R2 affects the CMRR. For good CMRR over temperature, low drift resistors should be used. Making R4
slightly smaller than R2 and adding a trim pot equal to twice the difference between R2 and R4 will allow the
CMRR to be adjusted for optimum.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV721-N LMV722-N


Similar Part No. - LMV721M5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV721M5X NSC-LMV721M5X Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5X TI1-LMV721M5X Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

Similar Description - LMV721M5X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com