Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61FGPN8L2KM Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # 61FGPN8L2KM
Description  Floatless Level Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

61FGPN8L2KM Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button 61FGPN8L2KM Datasheet HTML 5Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 6Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 7Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 8Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 9Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 10Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 11Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 12Page - Omron Electronics LLC 61FGPN8L2KM Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
61F-GP-N
@
9
■ Compact Plug-in Models (8-pin Type)
Specifications
Note: 1. The length when using completely-insulated, 600-V, 3-conductor (0.75 mm2) cabtire cables. Usable cable lengths will become shorter as
the cable diameter or number of conductors becomes larger.
2. The insulation resistance and dielectric strength indicate values between power terminals and Electrode terminals, between power ter-
minals and contact terminals, and between Electrode terminals and contact terminals.
3. Possible to use with 15 k
Ω or less, however, this may cause reset failure.
4. 61F-GP-N8H/-N8Y High-sensitivity Controllers use advanced operation.
When the power supply voltage is applied, if there are some liquids between the electrodes (ground and operation electrodes), the inter-
nal relay will not operate.
When the power supply voltage is applied, if there are no liquids between the electrodes (ground and operation electrodes), the internal
relay will operate.
If the advanced operation does not satisfy applications, consider using 61F-N8HY controller which uses sequential operation.
Item
General-purpose
Controller
61F-GP-N8
61F-GP-N8Y
(see note 4)
Long-distance
Controllers
61F-GP-N8L 2KM
(for 2 km)
61F-GP-N8L 4KM
(for 4 km)
High-sensitivity
Controllers
61F-GP-N8H
61F-GP-N8HY
(see note 4)
Low-sensitivity
Controller
61F-GP-N8D
Two-wire
Controller
61F-GP-N8R
Variable
Sensitivity
Controller
61F-GP-N8-V50
Controlling mate-
rials and operat-
ing conditions
For control of ordi-
nary purified water
or sewage water
For control of ordi-
nary purified water
in cases where the
distance between
sewage pumps and
water tanks or be-
tween receiver
tanks and supply
tanks is long or
where remote con-
trol is required.
For control of liq-
uids with high spe-
cific resistance
such as distilled
water
For control of liq-
uids with low spe-
cific resistance
such as salt water,
sewage water, acid
chemicals, alkali
chemicals
For control of ordi-
nary purified water
or sewage water
used in combina-
tion with Two-wire
Electrode Holder
(incorporating a re-
sistor of 6.8 k
Ω)
For control of cases
where variable sen-
sitivity control is re-
quired such as
detection of froth on
the surface of a liq-
uid, control of soil
moisture content,
or detection of de-
gree of water pollu-
tion
Supply voltage
24, 100, 110, 120, 200, 220, 230 or 240 VAC; 50/60 Hz
24, 110, 220 or
240 VAC; 50/60 Hz
Operating voltage
range
85% to 110% of rated voltage
Interelectrode
voltage
8 VAC
24 VAC
8 VAC
24 VAC
Interelectrode
current
Approx. 1 mA AC max.
Approx.
0.4 mA AC max.
Approx. 1 mA AC max.
Approx. 3 mA AC
max.
Power consump-
tion
Approx. 3.5 VA max.
Interelectrode op-
erate resistance
0 to approx. 4 k
Ω
0 to 1.3 k
Ω (for
2km)
0 to 0.5 k
Ω (for
4km)
Approx. 15 k
Ω to
approx. 70 k
Ω
(see note 3)
0 to approx. 1.3 k
Ω 0 to approx. 2 kΩ
0 to 50 k
Ω (Vari-
able)
Interelectrode re-
lease resistance
Approx. 15 k to
∞Ω 4 k to ∞Ω
(for 2 km)
2.5 k to
∞Ω
(for 4 km)
Approx. 300 k to
∞Ω
Approx. 4 k to
∞Ω Approx. 15 k to ∞Ω Operating resis-
tance +50 k
Ω max.
Response time
Operate: 80 ms max.
Release: 160 ms max.
Cable length
(see note 1)
1 km max.
2 km max.
4 km max.
50 m max.
1 km max.
800 m max.
50 m max.
Control output
1 A, 250 VAC (Inductive load: cos
φ = 0.4)
3 A, 250 VAC (Resistive load)
Ambient tempera-
ture
Operating: –10 to 55
°C
Ambient humidity Operating: 45% to 85% RH
Insulation resis-
tance
(see note 2)
100 M
Ω min. (at 500 VDC)
Dielectric
strength
(see note 2)
2000 VAC, 50/60 Hz for 1 min.
Life expectancy
Electrical:
100,000 operations min.
Mechanical: 5,000,000 operations min.
Weight
Approx. 155 g
Accessories
Hold-down clip PFC-N8


Similar Part No. - 61FGPN8L2KM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61F MSYSTEM-61F Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K MSYSTEM-61F-041-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K/Q MSYSTEM-61F-041-K/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R MSYSTEM-61F-041-R Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R/Q MSYSTEM-61F-041-R/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61FGPN8L2KM

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
   FLOATLESS LEVEL RELAY
logo
Omron Electronics LLC
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
   Floatless Level Switch (Compact, Plug-in Type)
8PFA1 OMRON-8PFA1 Datasheet
471Kb / 11P
   Floatless Level Controller (Ultra High-sensitivity Type) 61F-UHS/-HSL
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com