Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENS-0748 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ENS-0748
Description  Over Current Voltage Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ENS-0748 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ENS-0748 Datasheet HTML 1Page - List of Unclassifed Manufacturers ENS-0748 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
2U, ATX12V compliant
Active PFC
Remote on/off
Full Range AC Input
Protection
High Output Current for +5Vsb
Short Circuit
Over Current Voltage Protection
UL / cUL, CB, TUV Safety approved
FCC / CE EMC Approved
High efficiency
Dimension ( W x L x H ) : 200 x 100 x 70 mm
Output Specification
Electrical Specifications
Voltage
Regulation Minimum Maximum
Peak
Input Voltage
115 - 230VAC Full range
Load
Load
Load
Frequency
47 ~ 63 Hz
+3.3V
+/-5%
0.5A
22A
--
Input Current
7A @ 115VAC
+5V
+/-5%
7.0A
20A
--
4A @ 230VAC
+12V1
+/-5%
2.0A
15A
18A
Hold up time
16ms@ full load
+12V2
+/-5%
2.0A
15A
18A
-5V
+/-10%
0A
0.5A
--
High efficiency
65% at full load
-12V
+/-10%
0A
1.0A
--
Over Voltage Protection
+5V Output ≦ 7.5V Max
+5Vsb
+/-5%
0.1A
2.0A
--
+3.3V Output ≦5V Max
* 3.3V & 5V combine load 150W
+12V Output ≦ 16V Max
Over Current Protection
Total Output not exceed 240VA
Environmental Specification
Short-Circuit Protection
On each channel
Operating / Storage Temp
0 ~ 50
oC / -20 ~ 60oC
Relative Humidity
5 ~ 95%
Apply for
Operating / Storage Altitude
10,000 / 50,000 FT
All Intel Processors upto Dual Xeon P4
MTBF
100,000 HRS
All AMD Processors upto Dual Athlon
Safety Approvals
UL/CUL, CB, TUV,
EMC Regulations
FCC, CE
HEADQUARTER
ENHANCE ELECTRONICS CO., LTD.
3F-1, NO.137, LANE 235, PAO CHIAO ROAD,
HSIN TIEN, TAIPEI, TAIWAN, R.O.C.
TEL : +886 2 8919 2288 FAX : +886 2 8919 2277
E-MAIL : sales@enhance.com.tw
WWW.ENHANCE.COM.TW
ENVIRONMENT
SPECIFICATION
ENS-0748 480W
2U IPC
ENHANCETECH CO., LTD.
510 DORIM DOOSAN BEARS TOWER
110-4, KURO5-DONG, KUROKU SEOUL, KOREA
TEL : 02-839-2030 FAX : 02-839-6262
E-MAIL : enhance@enhance.co.kr
WWW.ENHANCE.CO.KR
KOREA OFFICE
USA OFFICE
EUROPEOFFICE
ENHANCEELECTRONICS
ENHANCEEUROPEINTERPACB.V
13100ALONDRABLVD.,UNIT106,
ESSEBAAN40,2908LKCAPELLE
CERRITOS,CA90703
AANDENIJSSEL,THENETHERLANDS
TEL:+15626771268 FAX :+1562677126 9 TEL:+31102840870 FAX :+31102840873
E-MAIL: sales@enhanceusa.com
E-MAIL: kathryn@interpacbv.com
WWW .ENHANCEUSA.COM
WWW .ENHANCE-EUROPE.COM


Similar Part No. - ENS-0748

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
More results

Similar Description - ENS-0748

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
   Over Current / Over Voltage Protection
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
   Over current, Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
   Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
ENH-0635A ETC2-ENH-0635A Datasheet
1Mb / 2P
   Over Current Voltage Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com